Electronic Components Datasheet Search
  English  ▼

X  

2864 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2864
Description  Stacking Right Angle Banana Plug Each End
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2864 Datasheet(HTML) 1 Page - Pomona Electronics

  2864 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
SY/EH/LS
More drawings available at www.pomonaelectronics.com
W:\pomona\grponly\Datasheet Updates\Updates 2005\d2864_1_02.doc
Page 1 of 1
Model 2864
Stacking Right Angle Banana
Plug Each End
FEATURES:
Vertical stacking feature allows endless circuit connections and the right angle design keeps wires close
to the chassis.
An oversized shoulder allows easy connect and disconnect.
Mates to Model #1581, 2854 or any standard banana jack.
MATERIALS:
Conn: Right Angle Banana Plug
Material: Spring
Beryllium Copper per QQ-C-533, Alloy 172, Cond. HT.
Plug Body
Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Nickel plated per QQ-N-290, Class 2, 200/300 microinches.
Insulation: Polypropylene molded to plug body and wire. Color matches color of wire.
Marking:
POMONA ELECTRONICS POMONA CALIF.
Wire: 18 AWG stranding 65 x 36 t.c., PVC insulated 3.66 (.144) O.D. Marking:
POMONA 2864-XX-X
RATINGS:
Operating Temperature: +55º C. (+131º F.) Max.
Voltage: Hand-held testing: 30VAC/60VDC Max.
Hands free testing in controlled voltage environments: 5000 WVDC Max.
Current: 15Amperes
ORDERING INFORMATION: Model 2864-XX-*
XX = Cable Lengths, Standard Length: 24
Additional lengths and colors can be quoted upon request.
*= Color, -0 Black, -2 Red
Ordering Example: 2864-24-2
Indicates 24 in length, color is Red


Similar Part No. - 2864

ManufacturerPart #DatasheetDescription
logo
Heyco.
2864 HEYCO-2864 Datasheet
113Kb / 1P
Shorty Universal Bushings
logo
PHOENIX CONTACT
2864011 PHOENIX-2864011 Datasheet
95Kb / 4P
Digital display - MCR-SL-D-U/I
2864024 PHOENIX-2864024 Datasheet
433Kb / 9P
MCR-SL-D-FIT - Digital display
2864079 PHOENIX-2864079 Datasheet
308Kb / 8P
MCR repeater power supply with HART transmission
2864105 PHOENIX-2864105 Datasheet
441Kb / 10P
NAMUR isolation amplifiers
More results

Similar Description - 2864

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1440 POMONA-1440 Datasheet
18Kb / 1P
Horizontal Stacking Banana Plug Each End
2484 POMONA-2484 Datasheet
28Kb / 1P
Stacking Banana Plug Each End On Retractile (Coiled) Cord
2948 POMONA-2948 Datasheet
23Kb / 1P
Stacking Standard Banana Plug Each End
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
3864 POMONA-3864 Datasheet
24Kb / 1P
Double Banana Plug, Each End On Retractile Coiled Cord
logo
Pasternack Enterprises,...
PE9930-18-R PASTERNACK-PE9930-18-R Datasheet
148Kb / 1P
SINGLE WIRE PATCH CORD STACKING BANANA PLUG TO STACKING BANANA PLUG
logo
Pomona Electronics
P124- POMONA-P124- Datasheet
27Kb / 1P
Model P Stacking Pin Tip Plug, Each End
HB-24-2 POMONA-HB-24-2 Datasheet
30Kb / 2P
Horizontal Stacking Banana Plug Patch Cord, Banana Plug Each End
logo
3M Electronics
P-18-0 3M-P-18-0 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Each End
21-May-2002
logo
Pomona Electronics
P-36-0 POMONA-P-36-0 Datasheet
27Kb / 1P
Model P Stacking Pin Tip Plug, Each End
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com