Electronic Components Datasheet Search
  English  ▼

X  

2882 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2882
Description  BNC (Male) To Stacking Pin Tip Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2882 Datasheet(HTML) 1 Page - Pomona Electronics

  2882 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
SY/EH/LS
More drawings available at www.pomonaelectronics.com
W:\pomona\grponly\Datasheet Updates\Updates 2005\d2882_1_02.doc
Page 1 of 1
Model 2882
BNC (Male) To Stacking
Pin Tip Plugs
FEATURES:
Cable interfaces a BNC based instrument to
pin tip jacks.
Shielding from BNC to the pin tip breakout
area reduces the effect of signal leakage or
noise interference.
Pin tip plugs are vertically stackable for
added test versatility.
Pin tip plug and spring are gold plated for low
contact resistance to ensure signal integrity.
BNC connector center contact is gold plated
and the dielectric is PTFE for superior
performance.
Schematic: Red pin tip plug to BNC center
contact, Black pin tip plug to BNC Shell.
MATERIALS:
BNC: Body
Brass, Tarnish Resistant
Center Contact: Brass, Gold Plated
Dielectric: PTFE
Cable: RG58C/U, 50 Ohm Impedance, Capacitance:
30.8 pF/Ft., .195 (5.0mm) O.D. Nom. Color: Black.
Marking: POMONA 2882-C-xx
Molded Breakout: PVC molded to the coaxial cable
and breakout leads. Color: Black
Breakout Leads: 20 AWG, 41 x 36 t.c., .087
(2,21mm) O.D. Color matches pin tip plug
Pin Tip Plugs: Body
Brass, Gold Plated
Spring: Beryllium Copper, Gold Plated
Insulation: Polypropylene, molded to
the pin tip body and wire. Color: one black, one red.
RATING:
Operating Voltage: Hand-held Testing:
30VAC/60VDC Max.
Hands Free Testing in Controlled Voltage
Environments: 500 VRMS
Operating Temperature: +50°C (+122°F)
ORDERING INFORMATION: Model 2882-C-XX
XX = Length in inches, Standard Lengths: 60
(152.40cm)
Ordering Ex: 2882-C-60, Cable length is 60 inches
long excluding the BNC connector, molded breakout,
and pin tip plugs & leads.
Additional lengths can be quoted upon request.


Similar Part No. - 2882

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2882 KR-2882 Datasheet
92Kb / 2P
60 MHz Center Frequency
logo
Heyco.
2882 HEYCO-2882 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Multicomp Pro
2882 MULTICOMP-2882 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
Vishay Siliconix
28821E3 VISHAY-28821E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
logo
PHOENIX CONTACT
2882200 PHOENIX-2882200 Datasheet
109Kb / 6P
Type 3 surge protection device - MNT-1 D
09/12/2020
More results

Similar Description - 2882

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3957 POMONA-3957 Datasheet
50Kb / 1P
BNC (Male) to Multi-Stacking Banana Plugs
1269 POMONA-1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
3221 POMONA-3221 Datasheet
29Kb / 1P
BNC (Female) To Stackable Pin Tip Plugs
3901 POMONA-3901 Datasheet
29Kb / 1P
BNC (Male) To Stackable Pin Tip Plugs
logo
Pasternack Enterprises,...
PE33550 PASTERNACK-PE33550 Datasheet
115Kb / 1P
CABLE ASSEMBLY RG59B/U-BLACK BNC MALE TO STACKING TIP PLUGS
PE9902 PASTERNACK-PE9902 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO STACKING TIP PLUGS
PE9903 PASTERNACK-PE9903 Datasheet
254Kb / 1P
BREAKOUT, BNC MALE TO STANDARD STACKING BANANA PLUGS
PE9904 PASTERNACK-PE9904 Datasheet
111Kb / 1P
BREAKOUT, BNC MALE TO MINIATURE STACKING BANANA PLUGS
PE9911 PASTERNACK-PE9911 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO STACKING TIP PLUGS
logo
Pomona Electronics
MODEL1269 POMONA-MODEL1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com