Electronic Components Datasheet Search
  English  ▼

X  

2902 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2902
Description  Size C Aluminum Box With Cover BNC Female/Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2902 Datasheet(HTML) 1 Page - Pomona Electronics

  2902 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90163 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d2902_1_01.doc
Page 1 of
1
Model 2902
Size C Aluminum Box With Cover
BNC Female/Female
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Connector: BNC (F)
Body: Tarnish Resistant Plating, Center Contact: Gold Plated Beryllium Copper
Solder Turret Terminal Screws: Steel
Shielded Housing: Die cast aluminum alloy A380 or A384.
Finish: Blue baked enamel per Fed. Std. 595 25109 over Phosphoric Etch
Cover: 2.03mm (.080) thick aluminum #1100-H14
Finish: Clear anodized per MIL-A-8625
Screws: 4 each #4-40 x 6.35mm (1/4”) per MS 35208-12 with clear irridite dip.
8 each #4-40 x 6.35mm (1/4”) Phillips binding head. Steel
RATINGS:
Operating Voltage: Inner conductor/Shield: 1000 VRMS Max.
Operating Temperature: -55ºC to +150ºC
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 2902


Similar Part No. - 2902

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2902 KR-2902 Datasheet
84Kb / 2P
Highpass Filter
logo
List of Unclassifed Man...
2902-6001 ETC2-2902-6001 Datasheet
578Kb / 3P
SMA IN SERIES ADAPTERS
logo
PHOENIX CONTACT
2902000 PHOENIX-2902000 Datasheet
79Kb / 6P
Signal conditioner - MINI MCR-2-I0-U
2902001 PHOENIX-2902001 Datasheet
78Kb / 5P
Signal conditioner - MINI MCR-2-I0-U-PT
2902002 PHOENIX-2902002 Datasheet
89Kb / 5P
Signal conditioner - MINI MCR-2-I4-U
More results

Similar Description - 2902

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2390 POMONA-2390 Datasheet
25Kb / 1P
Size A Aluminum Box With Cover BNC Female/Female
2391 POMONA-2391 Datasheet
33Kb / 1P
Size A Aluminum Box With Cover BNC Male/Female
2392 POMONA-2392 Datasheet
29Kb / 1P
Size A Aluminum Box With Cover BNC Female Tee
2393 POMONA-2393 Datasheet
30Kb / 1P
Size A Aluminum Box With Cover BNC Female/BNC Male W/Binding Post
2399 POMONA-2399 Datasheet
24Kb / 1P
Size A Aluminum Box With Cover SMA Female/Female
3230 POMONA-3230 Datasheet
25Kb / 1P
Size B Aluminum Box With Cover BNC Female/Female
3231 POMONA-3231 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Male/Female
3232 POMONA-3232 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Female Tee
3234 POMONA-3234 Datasheet
26Kb / 1P
Size B Aluminum Box With Cover BNC Female Quad
3751 POMONA-3751 Datasheet
25Kb / 1P
Miniature Size Aluminum Box With Cover BNC Female/Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com