Electronic Components Datasheet Search
  English  ▼

X  

5KP10 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # 5KP10
Description  Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

5KP10 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  5KP10 Datasheet HTML 1Page - GOOD-ARK Electronics 5KP10 Datasheet HTML 2Page - GOOD-ARK Electronics 5KP10 Datasheet HTML 3Page - GOOD-ARK Electronics 5KP10 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
612
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
3
3
P
K
57
.
6
39
.
4
40
.
50
.
3
30
.
27
.
4
80
.
9
54
0
1
.
0
A
3
3
P
K
57
.
6
36
.
0
40
.
50
.
3
30
.
28
.
3
93
.
3
54
0
1
.
0
6
3
P
K
50
.
0
49
.
8
40
.
50
.
6
30
.
28
.
7
73
.
4
64
0
1
.
0
A
6
3
P
K
50
.
0
42
.
4
40
.
50
.
6
30
.
21
.
6
81
.
8
54
0
1
.
0
0
4
P
K
54
.
4
43
.
4
50
.
50
.
0
40
.
20
.
0
74
.
1
75
0
1
.
0
A
0
4
P
K
54
.
4
41
.
9
40
.
50
.
0
40
.
25
.
7
75
.
4
65
0
1
.
0
3
4
P
K
58
.
7
44
.
8
50
.
50
.
3
40
.
22
.
5
67
.
6
75
0
1
.
0
A
3
4
P
K
58
.
7
48
.
2
50
.
50
.
3
40
.
20
.
2
74
.
9
65
0
1
.
0
5
4
P
K
50
.
0
51
.
1
60
.
50
.
5
40
.
23
.
2
63
.
0
86
0
1
.
0
A
5
4
P
K
50
.
0
53
.
5
50
.
50
.
5
40
.
28
.
8
67
.
2
76
0
1
.
0
8
4
P
K
53
.
3
52
.
5
60
.
50
.
8
40
.
25
.
8
55
.
5
86
0
1
.
0
A
8
4
P
K
53
.
3
59
.
8
50
.
50
.
8
40
.
26
.
4
64
.
7
76
0
1
.
0
1
5
P
K
57
.
6
53
.
9
60
.
50
.
1
50
.
29
.
4
51
.
1
97
0
1
.
0
A
1
5
P
K
57
.
6
57
.
2
60
.
50
.
1
50
.
27
.
0
64
.
2
87
0
1
.
0
4
5
P
K
50
.
0
63
.
3
70
.
50
.
4
50
.
29
.
1
53
.
6
97
0
1
.
0
A
4
5
P
K
50
.
0
63
.
6
60
.
50
.
4
50
.
24
.
7
51
.
7
87
0
1
.
0
8
5
P
K
54
.
4
67
.
8
70
.
50
.
8
50
.
25
.
8
43
0
17
0
1
.
0
A
8
5
P
K
54
.
4
62
.
1
70
.
50
.
8
50
.
24
.
3
54
97
0
1
.
0
0
6
P
K
57
.
6
65
.
1
80
.
50
.
0
60
.
27
.
6
47
0
18
0
1
.
0
A
0
6
P
K
57
.
6
67
.
3
70
.
50
.
0
60
.
27
.
1
57
98
0
1
.
0
4
6
P
K
51
.
1
79
.
6
80
.
50
.
4
60
.
29
.
3
44
1
18
0
1
.
0
A
4
6
P
K
51
.
1
76
.
8
70
.
50
.
4
60
.
25
.
8
43
0
18
0
1
.
0
0
7
P
K
58
.
7
71
.
5
90
.
50
.
0
70
.
20
.
0
45
2
18
0
1
.
0
A
0
7
P
K
58
.
7
70
.
6
80
.
50
.
0
70
.
22
.
4
43
1
18
0
1
.
0
5
7
P
K
53
.
3
82
0
10
.
50
.
5
70
.
23
.
7
34
3
18
0
1
.
0
A
5
7
P
K
53
.
3
81
.
2
90
.
50
.
5
70
.
23
.
1
41
2
18
0
1
.
0
8
7
P
K
57
.
6
86
0
10
.
50
.
8
70
.
20
.
6
39
3
18
0
1
.
0
A
8
7
P
K
57
.
6
88
.
5
90
.
50
.
8
70
.
27
.
9
36
2
18
0
1
.
0
5
8
P
K
54
.
4
95
1
10
.
50
.
5
80
.
21
.
3
31
5
18
0
1
.
0
A
5
8
P
K
54
.
4
94
0
10
.
50
.
5
80
.
25
.
6
37
3
10
1
1
.
0
0
9
P
K
50
0
12
2
10
.
50
.
0
90
.
23
.
1
30
6
10
1
1
.
0
A
0
9
P
K
50
0
11
1
10
.
50
.
0
90
.
22
.
4
36
4
10
1
1
.
0
0
0
1
P
K
51
1
16
3
10
.
50
0
10
.
29
.
7
29
7
10
1
1
.
0
A
0
0
1
P
K
51
1
13
2
10
.
50
0
10
.
29
.
0
32
6
10
1
1
.
0
0
1
1
P
K
52
2
19
4
10
.
50
1
10
.
25
.
5
26
9
12
1
1
.
0
A
0
1
1
P
K
52
2
15
3
10
.
50
1
10
.
22
.
8
27
7
12
1
1
.
0
A
0
2
1
P
K
53
3
17
4
10
.
50
2
10
.
24
.
6
23
9
10
1
1
.
0
A
0
3
1
P
K
54
4
19
5
10
.
50
3
10
.
24
.
4
29
0
20
1
1
.
0
A
0
5
1
P
K
57
6
15
8
10
.
50
5
10
.
20
.
1
23
4
20
1
1
.
0
A
0
6
1
P
K
58
7
17
9
10
.
50
6
10
.
27
.
9
19
5
20
1
1
.
0
A
0
7
1
P
K
59
8
19
0
20
.
50
7
10
.
25
.
8
15
7
20
1
1
.
0
A
0
8
1
P
K
50
0
21
2
20
.
50
8
10
.
25
.
7
12
9
20
1
1
.
0
A
0
9
1
P
K
51
1
23
3
20
.
50
9
10
.
25
.
6
10
1
30
1
1
.
0
A
0
0
2
P
K
52
2
26
4
20
.
50
0
20
.
25
.
5
12
.
9
2
30
1
1
.
0
A
0
1
2
P
K
53
3
28
5
20
.
50
1
20
.
26
.
4
15
.
9
4
30
1
1
.
0
A
0
2
2
P
K
54
4
20
7
20
.
50
2
20
.
27
.
3
11
.
1
7
30
1
1
.
0
A
0
5
2
P
K
57
7
26
0
30
.
50
5
20
.
20
.
2
15
2
40
1
1
.
0
Notes:
1. V
(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. All terms and symbols are consistent with ANSI/IEEE CA62.35
4. For parts without A, the V
BR is +10%
The 5KP series of high power transient voltage suppressors were designed to be used on the output of switching power supplies. These devices may be used to
replace crowbar circuits. Both the 5 and 10 percent voltage tolerances are referenced to the power supply output voltage level.
They are able to withstand high levels of peak current while allowing a circuit breaker to trip or a fuse blow before shorting. This will enable the user to reset the
breaker or replace the fuse and continue operation. For this type operation, it is recommended that a sufficient mounting surface be used for dissipating the heat
generated by the Transient Voltage Suppressor during the transient or over-voltage condition.
Transient Voltage Suppressors are Silicon PN Junction devices designed for absorption of high voltage transients associated with power disturbances, switching and
induced lighting effects. This series is available from 5.0 volts thru 110 volts.
Application:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com