Electronic Components Datasheet Search
  English  ▼

X  

MP802G Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # MP802G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MP802G Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  MP802G Datasheet HTML 1Page - GOOD-ARK Electronics MP802G Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
MP8G SERIES
~
~
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.6
100
10
1.0
0.1
0.01
0.8
0.9
1.0
1.1
1.2
1.3
0.7
TJ=25°C
TEMPERATURE,℃
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
10
8
6
4
2
0
0
50
100
150
TJ=25°C
1
175
0
10
100
NUMBER OF CYCLETS AT 60Hz
FIG.2-MAXIMUM FORWARD SUNRGE CURRENT
TJ=25°C
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com