Electronic Components Datasheet Search
  English  ▼

X  

3230 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3230
Description  Size B Aluminum Box With Cover BNC Female/Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3230 Datasheet(HTML) 1 Page - Pomona Electronics

  3230 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90165 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3230_1_01.doc
Page 1 of
1
Model 3230
Size B Aluminum Box With Cover
BNC Female/Female
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Connector: BNC (F)
Body: Tarnish Resistant Plating, Gold Plated Beryllium Copper,
Solder Turret Terminal Screws: Steel
Shielded Housing: Die cast aluminum alloy A380 or A384.
Finish: Blue paint per Federal Standard 595 #25109 over Phosphoric Etch
Cover: .040 thick aluminum 1100-H14
Finish: Clear anodized
Screws: 4 each #2-32 x ¼” Pan Head self-tapping. Steel.
RATINGS:
Operating Voltage: Inner conductor/Shield: 500 VRMS Max.
Operating Temperature: -55ºC to +150ºC
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 3230


Similar Part No. - 3230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3230 ETC2-3230 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Christian Bürkert GmbH ...
3230 BURKERT-3230 Datasheet
307Kb / 3P
2/2 way Diaphragm Valve with plastic body, pneumatically operated, DN12 and 15
17.02.2020
logo
List of Unclassifed Man...
3230-06-0101-00 ETC2-3230-06-0101-00 Datasheet
52Kb / 1P
INSULATOR MATERIAL: PBT, UL 94V-0
3230-08-0101-00 ETC2-3230-08-0101-00 Datasheet
52Kb / 1P
INSULATOR MATERIAL: PBT, UL 94V-0
3230-10-0101-00 ETC2-3230-10-0101-00 Datasheet
52Kb / 1P
INSULATOR MATERIAL: PBT, UL 94V-0
More results

Similar Description - 3230

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2390 POMONA-2390 Datasheet
25Kb / 1P
Size A Aluminum Box With Cover BNC Female/Female
2391 POMONA-2391 Datasheet
33Kb / 1P
Size A Aluminum Box With Cover BNC Male/Female
2392 POMONA-2392 Datasheet
29Kb / 1P
Size A Aluminum Box With Cover BNC Female Tee
2399 POMONA-2399 Datasheet
24Kb / 1P
Size A Aluminum Box With Cover SMA Female/Female
2420 POMONA-2420 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Female To Type N Male
2902 POMONA-2902 Datasheet
30Kb / 1P
Size C Aluminum Box With Cover BNC Female/Female
3231 POMONA-3231 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Male/Female
3232 POMONA-3232 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Female Tee
3234 POMONA-3234 Datasheet
26Kb / 1P
Size B Aluminum Box With Cover BNC Female Quad
3751 POMONA-3751 Datasheet
25Kb / 1P
Miniature Size Aluminum Box With Cover BNC Female/Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com