Electronic Components Datasheet Search
  English  ▼

X  

3239 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3239
Description  Size B, Isolated BNC Female Each End With Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3239 Datasheet(HTML) 1 Page - Pomona Electronics

  3239 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/28/02 SY/EH/LS
PomonaACCESS 90169 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d3239_1_02.doc
Page 1 of 1
Model 3239
Size B, Isolated BNC Female
Each End With Cover
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Connector:
Body: Tarnish Resistant Plating, Center Contact: Gold Plated Beryllium Copper
Solder Turret Terminal Screws: Steel
Shielded Housing: Die cast aluminum Alloy A380 or A384.
Finish: Blue baked enamel per Federal Standard 595 #25109 over Phosphoric Etch.
Marking: “Pomona Electronics Calif.”
Cover: 1.02 .(040) thick aluminum 1100-H14
Finish: Clear anodized.
Screws: Steel 4 ea. #2-32 x ¼” Pan Head self-tapping
RATINGS:
Operating Voltage: Inner Conductor/Shield: 500 VRMS Max.
Operating Temperature: -55ºC to +150ºC
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 3239


Similar Part No. - 3239

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3239 ASM-SENSOR-3239 Datasheet
3Mb / 8P
DIGITAL HiTESTER
logo
List of Unclassifed Man...
3239 ETC2-3239 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3239 HEYCO-3239 Datasheet
212Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adafruit Industries
3239 ADAFRUIT-3239 Datasheet
81Kb / 2P
802.3af PoE Output Data & Power Splitter - 5/9/12V
logo
Peregrine Semiconductor...
3239-00 PEREGRINE-3239-00 Datasheet
214Kb / 12P
2.2 GHz Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 3239

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2249 POMONA-2249 Datasheet
264Kb / 2P
Cable Assembly with BNC Male on Each End
2390 POMONA-2390 Datasheet
25Kb / 1P
Size A Aluminum Box With Cover BNC Female/Female
2391 POMONA-2391 Datasheet
33Kb / 1P
Size A Aluminum Box With Cover BNC Male/Female
2420 POMONA-2420 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Female To Type N Male
2902 POMONA-2902 Datasheet
30Kb / 1P
Size C Aluminum Box With Cover BNC Female/Female
3230 POMONA-3230 Datasheet
25Kb / 1P
Size B Aluminum Box With Cover BNC Female/Female
3231 POMONA-3231 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Male/Female
3232 POMONA-3232 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Female Tee
3234 POMONA-3234 Datasheet
26Kb / 1P
Size B Aluminum Box With Cover BNC Female Quad
3751 POMONA-3751 Datasheet
25Kb / 1P
Miniature Size Aluminum Box With Cover BNC Female/Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com