Electronic Components Datasheet Search
  English  ▼

X  

MMBT5089 Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBT5089
Description  Low Noise NPN Transistor Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT5089 Datasheet(HTML) 2 Page - Weitron Technology

  MMBT5089 Datasheet HTML 1Page - Weitron Technology MMBT5089 Datasheet HTML 2Page - Weitron Technology MMBT5089 Datasheet HTML 3Page - Weitron Technology MMBT5089 Datasheet HTML 4Page - Weitron Technology MMBT5089 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
fT
50
MHz
DC Current Gain
VCE = 5.0V, IC = 100µA
MMBT5088
MMBT5089
VCE= 5.0V, IC= 1.0mA
MMBT5088
MMBT5089
VCE= 5.0V, IC= 10mA
MMBT5088
MMBT5089
Collector-Emitter Saturation Voltage
IC = 100mA, IB = 1.0mA
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1.0mA
hFE(1)
hFE(2)
hFE(3)
VCE(sat)
VBE(sat)
-
-
-
-
V
V
On Characteristics
Electrical Characteristics (TA=25˚C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
300
400
350
450
300
400
900
1200
-
-
-
-
0.5
0.8
WEITRON
http://www.weitron.com.tw
2/5
13-Jan-06
Current-Gain-Bandwidth Product
VCE= 5.0V, IC = 500µA, f=20MHz)
Small-signal Characteristics
Collector-Base Capacitance
VCB = 5.0V, IE = 0, f = 1.0MHz emitter guarded
Emitter-Base Capacitance
VEB = 0.5V, IC = 0, f = 1.0MHz collector guarded
Small-Signal Current Gain
VCE= 5.0V, IC=1.0 mA, f=1.0 kHz
MMBT5088
MMBT5089
Noise Figure
VCE = 5.0V, IC = 100 µA, RS=1.0k ohms, f=1.0kHz
MMBT5088
MMBT5089
Ccb
Ceb
hfe
NF
-
-
-
350
450
4.0
3.0
2.0
pF
pF
-
dB
1400
1800
10
IDEAL
TRANSISTOR
R S
in
en
Fig 1.Transistor Noise Model
~
MMBT5088
MMBT5089



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com