Electronic Components Datasheet Search
  English  ▼

X  

SSF2302 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2302
Description  Battery protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2302 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF2302 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2302 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2302 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2302 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2302 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2302 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF2302 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF2302
D
G
S
DESCRIPTION
The SSF2302 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V. This device is suitable
for use as a Battery protection or in other Switching
application.
Schematic diagram
GENERAL FEATURES
●
V
= 20V,I
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2302
SSF2302
SOT-23
Ø180mm
8 mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
ID (25℃)
2.4
A
ID (70℃)
1.7
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
10
A
Maximum Power Dissipation
PD
0.9
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
140
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±8V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.65
0.95
1.2
V
DS
D = 2.4A
1
3
2
G
D
S
2302
< 115mΩ @ V
RDS(ON)
GS=2.5V
< 60mΩ @ V
RDS(ON)
GS=4.5V
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
Marking and pin Assignment
Application
●
Battery protection
●
Load switch
●
Power management
SOT-23 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.1


Similar Part No. - SSF2302

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2302 GOOD-ARK-SSF2302 Datasheet
447Kb / 6P
20V N-Channel MOSFET
SSF2302 GOOD-ARK-SSF2302_15 Datasheet
447Kb / 6P
20V N-Channel MOSFET
More results

Similar Description - SSF2302

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2306 SILIKRON-SSF2306 Datasheet
309Kb / 5P
Battery protection
SSF2312 SILIKRON-SSF2312 Datasheet
288Kb / 1P
Battery protection
SSF2318E SILIKRON-SSF2318E Datasheet
303Kb / 5P
Battery protection
SSF2334 SILIKRON-SSF2334 Datasheet
271Kb / 5P
Battery protection
SSF2336 SILIKRON-SSF2336 Datasheet
271Kb / 5P
Battery protection
SSF3344 SILIKRON-SSF3344 Datasheet
310Kb / 5P
Battery protection
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
Battery protection
SSF8822 SILIKRON-SSF8822 Datasheet
400Kb / 5P
Battery protection
SSF2316E SILIKRON-SSF2316E Datasheet
375Kb / 5P
Battery protection
SSF2341E SILIKRON-SSF2341E Datasheet
408Kb / 5P
Battery protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com