Electronic Components Datasheet Search
  English  ▼

X  

MSD601 Datasheet(PDF) 1 Page - Weitron Technology

Part # MSD601
Description  NPN General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MSD601 Datasheet(HTML) 1 Page - Weitron Technology

  MSD601 Datasheet HTML 1Page - Weitron Technology MSD601 Datasheet HTML 2Page - Weitron Technology MSD601 Datasheet HTML 3Page - Weitron Technology MSD601 Datasheet HTML 4Page - Weitron Technology MSD601 Datasheet HTML 5Page - Weitron Technology MSD601 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.weitron.com.tw
WEITRON
SOT-23
1
2
3
MSD601
NPN General Purpose Transistors
Symbol
VCEO
VCBO
VEBO
Value
Unit
V
V
V
Rating
50
60
7.0
mW
Tj
0.2
Tstg
-55 to +150
+150
°C
°C
100
IC
PD
Collector Current - Continuous
mA
200
IC(P)
Collector Current - Peak
mA
Emitter-Base Voltage
Collector-Emitter Voltage
Collector-Base Voltage
MAXIMUM RATINGS(Ta=25°C)
Storage Temperature
Junction Temperature
Total Device Dissipation
TA=25°C
1/6
18-Sep-06
Lead(Pb)-Free
P b


Similar Part No. - MSD601

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MSD601 ETL-MSD601 Datasheet
78Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
Motorola, Inc
MSD601-RT1 MOTOROLA-MSD601-RT1 Datasheet
110Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount?
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
E-Tech Electronics LTD
MSD601-RT1 ETL-MSD601-RT1 Datasheet
78Kb / 1P
NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
More results

Similar Description - MSD601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com