Electronic Components Datasheet Search
  English  ▼

X  

SF17 Datasheet(PDF) 2 Page - Weitron Technology

Part # SF17
Description  Axial Lead Super Fast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SF17 Datasheet(HTML) 2 Page - Weitron Technology

  SF17 Datasheet HTML 1Page - Weitron Technology SF17 Datasheet HTML 2Page - Weitron Technology SF17 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50
35
50
100
70
100
150
105
150
200
140
200
300
210
300
400
280
400
500
350
500
WEITRON
SF11 SF12 SF13 SF14 SF15 SF16 SF17
http://www.weitron.com.tw
2/3
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Reverse Recovery Time test condition : IF=0.5A, IR=1.0A, IRR=0.25A
SF11 thru SF18
04-Apr-07
600
420
600
SF18
SF11 SF12 SF13 SF14 SF15 SF16 SF17 SF18
Maximum Rating
Characteristic
VRRM
VRMS
VDC
IAV
IFSM
TJ
TSTG
1.0
30
-65 to +150
0.95
1.25
1.50
5.0
50
+150
V
V
V
Uuits
A
A
Characteristic
Electrical Characteristic
Maximum DC Reverse Current
Rated DC Blocking Voltage, TA=25°C
TA=100°C
Maximum Instanatneous Forward Voltage
IF=1.0A
Typical Junction Capacitance
VF
IR
CP
Trr
V
µA
pF
50
nS
35
Symbol
Uuits
Symbol
Storage temperature range
°C
°C
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
Notes:
Maximum Reverse Recovery Time
Operating junction temperature range
Maximum average forward rectified current
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com