Electronic Components Datasheet Search
  English  ▼

X  

SF27 Datasheet(PDF) 2 Page - Weitron Technology

Part # SF27
Description  Axial Lead Super Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SF27 Datasheet(HTML) 2 Page - Weitron Technology

  SF27 Datasheet HTML 1Page - Weitron Technology SF27 Datasheet HTML 2Page - Weitron Technology SF27 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.weitron.com.tw
WEITRON
2/3
Rev.A 04-Aug-09
SF21 thru SF28
Rating 25°C Ambient Temperature Unless Otherwise Specied. Single Phase Half Wave, 60Hz, Rectied or Inductive
Load. For Capacitive Load, Derate Current By 20%.
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
V
V
V
A
A
V
A
VRRM
VRMS
VDC
IFSM
VF
IR
100
50
150
300
400
200
5.0
50
35
SF21 SF22 SF23 SF24 SF25 SF26 SF27 SF28
500 600
100
50
150
300
400
200
500 600
70
35
105
210
280
140
350 420
2.0
50
0.97
1.25
1.50
Maximum Recurrent Peak Reverse Voltage
IF(AV)
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length @TA = 55°C
Maximum Instantaneous Forward Voltage
At 2.0A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC)
Maximum DC Reverse Current @TA = 25°C
At Rated DC BlockingVoltage @TA= 100°C
Maximum Reverse Recovery Time (Note 2)
°C
°C
-65 to +150
nS
TSTG
TJ
Operating Temperature Range
Storage Temperature Range
Trr
60
Typical Junction Capacitance (Note 1)
pF
CJ
1. Measured At 1MHz and Applied Reverse Voltage of 4.0 V.D.C
2. Reverse Recovery Time Test Condition: IF=0.5A, IR= 1.0A, IRR= 0.25A
NOTES:
+150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com