Electronic Components Datasheet Search
  English  ▼

X  

SSF8822 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8822
Description  Battery protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8822 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF8822 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8822 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8822 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8822 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8822 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF8822
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
V
V =V
GS(th)
DS
GS,ID=1mA
0.5
0.8
1
V
V =10V, I
GS
D=7A
16.4
21
V =4.5V, I
GS
D=6.6A
19
24
VGS=3.6V, ID=6A
21.7
28
Drain-Source On-State Resistance
R
mΩ
DS(ON)
V =2.5V, I
GS
D=5.5A
25
32
V =1.8V, I
GS
D=2A
36
50
Forward Transconductance
g
V =5V,I
FS
DS
D=7A
24
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
C
630
PF
lss
Output Capacitance
Coss
160
PF
V =10V,V
Reverse Transfer Capacitance
Crss
DS
GS=0V,
F=1.0MHz
135
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
t
5.7
nS
d(on)
Turn-on Rise Time
t
11.5
nS
r
Turn-Off Delay Time
td(off)
31.5
nS
V =10V, RL=1.4Ω
DS
V =5V,R
Turn-Off Fall Time
tf
GS
GEN=3Ω
9.7
nS
Total Gate Charge
Q
9.3
nC
g
Gate-Source Charge
Qgs
0.6
nC
V =10V,I
Gate-Drain Charge
Qgd
DS
D=7A,
V =4.5V
GS
3.6
nC
Body Diode Reverse Recovery Time
trr
IF=7A, dI/dt=100A/µs
15.2
nS
nC
Body Diode Reverse Recovery Charge
Qrr
IF=7A, dI/dt=100A/µs
6.3
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
V
V =0V,I =1A
0.7
1
V
SD
GS
S
Diode Forward Current (Note 2)
I
2.5
A
S
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com