Electronic Components Datasheet Search
  English  ▼

X  

SSF9435 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF9435
Description  Battery protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF9435 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF9435 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF9435 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF9435 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF9435 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF9435 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF9435
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
9435
SSF9435
SOP-8
Ø330mm
12mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
ID
-5.3
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-20
A
Maximum Power Dissipation
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
50
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
GENERAL FEATURES
●
VDS = -30V,ID = -5.3A
RDS(ON) < 85mΩ @ VGS=-4.5V
RDS(ON) < 53mΩ @ VGS=-10V
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
DESCRIPTION
The SSF9435 uses advanced trench technology to
provide excellent RDS(ON), low gate charge .It has been
optimized for power management applications requiring
a wide range of gave drive voltage ratings (4.5V – 25V).
Application
●
Battery protection
●
Load switch
●
Power management
D
G
S
Schematic diagram
G
S
S
S
4
3
2
1
D
D
D
D
5
6
7
8
9435
Marking and pin Assignment
SOP-8 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.1


Similar Part No. - SSF9435

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF9435 GOOD-ARK-SSF9435 Datasheet
740Kb / 6P
30V P-Channel MOSFET
More results

Similar Description - SSF9435

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2302 SILIKRON-SSF2302 Datasheet
393Kb / 7P
Battery protection
SSF2306 SILIKRON-SSF2306 Datasheet
309Kb / 5P
Battery protection
SSF2312 SILIKRON-SSF2312 Datasheet
288Kb / 1P
Battery protection
SSF2318E SILIKRON-SSF2318E Datasheet
303Kb / 5P
Battery protection
SSF2334 SILIKRON-SSF2334 Datasheet
271Kb / 5P
Battery protection
SSF2336 SILIKRON-SSF2336 Datasheet
271Kb / 5P
Battery protection
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
Battery protection
SSF8822 SILIKRON-SSF8822 Datasheet
400Kb / 5P
Battery protection
SSF2316E SILIKRON-SSF2316E Datasheet
375Kb / 5P
Battery protection
SSF2341E SILIKRON-SSF2341E Datasheet
408Kb / 5P
Battery protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com