Electronic Components Datasheet Search
  English  ▼

X  

SL12 Datasheet(PDF) 1 Page - Weitron Technology

Part # SL12
Description  Low VF Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SL12 Datasheet(HTML) 1 Page - Weitron Technology

  SL12 Datasheet HTML 1Page - Weitron Technology SL12 Datasheet HTML 2Page - Weitron Technology SL12 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low VF Surface Mount
Schottky Barrier Rectifiers
* Plastic package has Underwriters Laboratory
* Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
* For surface mounted applications.
* Exceeds environmental standards of MIL-S-19500 / 228
* Low leakage current
* Case : Molded plastic, JEDEC DO-214AC
* Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by c athode band
* Mounting Position : Any
* Weight : 0.05 gram
Features:
SL12 thru SL14
Mechanical Data
WEITRON
http://www.weitron.com.tw
SMA-1
SMA-1 Outline Dimension
unit:mm
A
C
B
E
H
J
H
4.20
4.80
2.20
2.80
0.30(Typ)
E
3.80
4.20
H
1.00(Typ)
J
1.40
1.80
A
B
C
SMA-1
Dim
Min
Max
Lead(Pb)-Free
P b
REVERSE VOLTAGE
20-40 Volts
FORWARD CURRENT
1.0 Amperes
1/3
31-Oct-06


Similar Part No. - SL12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL12 PANJIT-SL12 Datasheet
50Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SL12 TRSYS-SL12 Datasheet
156Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SL12 WTE-SL12 Datasheet
40Kb / 3P
1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semtech Corporation
SL12 SEMTECH-SL12 Datasheet
167Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Formosa MS
SL12 FORMOSA-SL12 Datasheet
67Kb / 2P
Silicon epitaxial planer type
More results

Similar Description - SL12

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B140L WEITRON-B140L Datasheet
144Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
B240LA WEITRON-B240LA Datasheet
213Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL14 WEITRON-SL14 Datasheet
73Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL22A WEITRON-SL22A Datasheet
181Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL32A WEITRON-SL32A Datasheet
189Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
B140LB WEITRON-B140LB Datasheet
238Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
B340LA WEITRON-B340LA_08 Datasheet
411Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
SL14M WEITRON-SL14M Datasheet
334Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK1060BM SECOS-SK1060BM Datasheet
299Kb / 2P
Low VF Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B240L DIODES-B240L Datasheet
381Kb / 4P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
February 2022 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com