Electronic Components Datasheet Search
  English  ▼

X  

3285 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3285
Description  Adapter, BNC ?쏷??Female-Male-Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3285 Datasheet(HTML) 1 Page - Pomona Electronics

  3285 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/28/02 SY/EH/LS
PomonaACCESS 90181 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d3285_1_02.doc
Page 1 of 1
Model 3285
Adapter, BNC “T”
Female-Male-Female
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Body and Fittings – Brass, Tarnish Resistant Plating, Center Contact – Female: Gold Plated Beryllium Copper,
Male: Gold Plated Brass, Outer Contact: Gold Plated Brass
Dielectric: PTFE
RATINGS:
Operating Voltage: Shield/Earth: 30VAC/60VDC Max.
Inner Conductor/Shield: 500VRMS Max.
Operating Temperature: -65ºC to +165ºC
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 3285


Similar Part No. - 3285

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
3285 BURKERT-3285 Datasheet
978Kb / 15P
Electromotive 2-way globe proportional valve
07.11.2023
3285 BURKERT-3285 Datasheet
962Kb / 10P
Flowmeter for gases
06.08.2021
logo
ASM GmbH
3285-20 ASM-SENSOR-3285-20 Datasheet
1Mb / 2P
CLAMP ON AC/DC HiTESTER
logo
Amphenol Corporation
3285-6001 AMPHENOL-3285-6001 Datasheet
80Kb / 1P
SMPM MALE FD (NONMAGNETIC) SURFACE PC MOUNT WITH R/A CONTACT
logo
Amphenol SV Microwave
3285-6001 SVMICROWAVE-3285-6001 Datasheet
504Kb / 1P
SMPM MALE FD EDGE MOUNT
REV.D 01/18
More results

Similar Description - 3285

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3284 POMONA-3284 Datasheet
24Kb / 1P
Adapter, BNC ?쏷??Female-Female-Female
4896 POMONA-4896 Datasheet
34Kb / 1P
BNC ?쏷??(Male-Female-Female) Coaxial Adapter
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
logo
List of Unclassifed Man...
BU-P3285 ETC2-BU-P3285 Datasheet
192Kb / 1P
ADAPTER BNC T Female-Male-Female
logo
Pasternack Enterprises,...
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
PE91106 PASTERNACK-PE91106 Datasheet
434Kb / 4P
BNC Triax Tee Adapter Male-Female-Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com