Electronic Components Datasheet Search
  English  ▼

X  

3301 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3301
Description  Size F Extruded Aluminum Box With Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3301 Datasheet(HTML) 1 Page - Pomona Electronics

  3301 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90185 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3301_1_01.doc
Page 1 of
1
Model 3301
Size F Extruded
Aluminum Box With Cover
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Shielded Housing: Extruded Aluminum, Alloy 6063-T5
Finish: Blue paint per Federal Standard 595 #25109
Cover: 2 each, 2.03 (.080) thick Aluminum, Alloy #1100-H14
Finish: Clear anodized per MIL-A-8625
Screws: 16 each #4-40 x 6.35 (1/4” Flat head per MS 35190-221 with clear irridite dip
RATINGS:
Operating Temperature: -55°C to +150°C (-67°F to +302°F)
Noise Rejection: Greater than 70 dB.
ORDERING INFORMATION: Model 3301


Similar Part No. - 3301

ManufacturerPart #DatasheetDescription
logo
Heyco.
3301 HEYCO-3301 Datasheet
100Kb / 1P
Hinged Cable Holders
logo
Toshiba Semiconductor
3301-000287 TOSHIBA-3301-000287 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
Samsung semiconductor
3301-001145 SAMSUNG-3301-001145 Datasheet
1Mb / 43P
Color Monitor
September 1999
logo
Toshiba Semiconductor
3301-001223 TOSHIBA-3301-001223 Datasheet
5Mb / 70P
COLOUR TELEVISION
3301-001324 TOSHIBA-3301-001324 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

Similar Description - 3301

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
2401 POMONA-2401 Datasheet
29Kb / 1P
Size A Aluminum Box With Cover BNC TEE F-F-M
2417 POMONA-2417 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2428 POMONA-2428 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
3311 POMONA-3311 Datasheet
25Kb / 1P
Size G Extruded Aluminum Box With Cover
3752 POMONA-3752 Datasheet
28Kb / 1P
BNC (F) To BNC (M) Miniature Size Aluminum Box With Cover
3753 POMONA-3753 Datasheet
28Kb / 1P
Miniature Size Aluminum Box with Cover
3754 POMONA-3754 Datasheet
21Kb / 1P
Miniature Size Aluminum Box With Cover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com