Electronic Components Datasheet Search
  English  ▼

X  

3306 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3306
Description  Shielded Aluminum Box Size F Unfinished
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3306 Datasheet(HTML) 1 Page - Pomona Electronics

  3306 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90187 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3306_1_01.doc
Page 1 of
1
Model 3306
Shielded Aluminum Box Size F
Unfinished
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Shielded Housing: Extruded Aluminum, Alloy 6063-T5
Finish: None
Cover: 2 each, 2.03 (.080) thick Aluminum, Alloy #1100-H14
Finish: Clear anodized per MIL-A-8625
Cover Screws: 16 each #4-40 x 6.35 (1/4”) Flat head, carbon steel with blue zinc plating.
RATINGS:
Operating Temperature: -55°C to +150°C (-67°F to +302°F)
Noise Rejection: Greater than 70 dB.
ORDERING INFORMATION: Model 3306


Similar Part No. - 3306

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3306 VMI-3306 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Bourns Electronic Solut...
3306 BOURNS-3306 Datasheet
140Kb / 1P
6 mm Round Trimpot Trimming Potentiometer
logo
List of Unclassifed Man...
3306 ETC-3306 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3306 HEYCO-3306 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3306-1000-90 KR-3306-1000-90 Datasheet
73Kb / 3P
1000 MHz Bandpass Filter
More results

Similar Description - 3306

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
2401 POMONA-2401 Datasheet
29Kb / 1P
Size A Aluminum Box With Cover BNC TEE F-F-M
2901 POMONA-2901 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
3301 POMONA-3301 Datasheet
24Kb / 1P
Size F Extruded Aluminum Box With Cover
3302 POMONA-3302 Datasheet
28Kb / 1P
Shielded Aluminum Box, Size F With BNC Females Both Ends
3316 POMONA-3316 Datasheet
25Kb / 1P
Extruded Aluminum Box Unfinished
3752 POMONA-3752 Datasheet
28Kb / 1P
BNC (F) To BNC (M) Miniature Size Aluminum Box With Cover
3754 POMONA-3754 Datasheet
21Kb / 1P
Miniature Size Aluminum Box With Cover
5186 POMONA-5186 Datasheet
26Kb / 1P
Shielded Black Box ?쏣??Size, Unpainted
logo
List of Unclassifed Man...
G104MF ETC2-G104MF Datasheet
127Kb / 2P
Diecast Box, Unfinished
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com