Electronic Components Datasheet Search
  English  ▼

X  

3452 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3452
Description  Shorting Bar Pin Tip Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3452 Datasheet(HTML) 1 Page - Pomona Electronics

  3452 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3452
Shorting Bar Pin Tip Plug
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev:100
D1094028
Page 1 of 1
FEATURES:
Ideal for providing a jumper on pin jack test boxes or panels.
Mates with Pomona Model 4543 or any other standard .080” pin jack.
MATERIALS:
Upper Connector (Double Pin Tip Jack):
Material: Jack body – Brass per QQ-B-626, Alloy 360, 1/2/ Hard.
Spring: Beryllium Copper per QQ-C-533, Alloy 172, Cond. H.T.
Finish: Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel per MIL-C-26074,
Class 1, 200/300 micro-inches.
Lower Connector (Double Pin Tip Plug):
Material: Body – Brass per QQ-B-626, Alloy 360, 1/2/ Hard.
Finish: Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel per MIL-C-26074,
Insulation: ABS molded to Pin Jacks and bodies.
RATINGS:
Operating Voltage: Hands free usage in controlled voltage environments: 3000 Vrms maximum. For CE compliance: not
intended for hand-held use at voltages above 33 Vrms/70 Vdc.
Current: 5 Amps
Operating Temperature: +122 F (+50 C) Max.
ORDERING INFORMATION: Model 3452-Color
Color =: 0 (Black), 2 (Red)
Ordering Example: 3452-2 (red)


Similar Part No. - 3452

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3452 ASM-SENSOR-3452 Datasheet
866Kb / 2P
M廓 HiTESTER
logo
Littelfuse
3452 LITTELFUSE-3452 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
3M Electronics
3452-6000 3M-3452-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
3452-6050 3M-3452-6050 Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
3452-60E 3M-3452-60E Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
More results

Similar Description - 3452

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2035 POMONA-2035 Datasheet
40Kb / 1P
Miniature Double Banana Shorting Bar Plug
3030 POMONA-3030 Datasheet
25Kb / 1P
Miniature Double Banana Plug Shorting Bar
4115 POMONA-4115 Datasheet
19Kb / 1P
Shorting Bar, Nickel Plated
5145 POMONA-5145 Datasheet
24Kb / 1P
Incapsulated Double Banana Plug Shorting Bar
5165 POMONA-5165 Datasheet
26Kb / 1P
Encapsulated Double Banana Plug Shorting Bar With Binding Post
5173 POMONA-5173 Datasheet
25Kb / 1P
Pin Tip Plug
logo
3M Electronics
5165-0 3M-5165-0 Datasheet
26Kb / 1P
Encapsulated Double Banana Plug Shorting Bar With Binding Post
09-Jun-1999
logo
List of Unclassifed Man...
BU-P3452 ETC2-BU-P3452 Datasheet
180Kb / 1P
Shorting Bar Pin Tip Plug
BU-P4115 ETC2-BU-P4115 Datasheet
509Kb / 1P
Shorting Bar
BU-PMDP-S-0 ETC2-BU-PMDP-S-0 Datasheet
186Kb / 1P
Double Banana Plug with Shorting Bar
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com