Electronic Components Datasheet Search
  English  ▼

X  

NJM567M Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM567M
Description  TONE DECODER / PHASE LOCKED LOOP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM567M Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM567M Datasheet HTML 2Page - New Japan Radio NJM567M Datasheet HTML 3Page - New Japan Radio NJM567M Datasheet HTML 4Page - New Japan Radio NJM567M Datasheet HTML 5Page - New Japan Radio NJM567M Datasheet HTML 6Page - New Japan Radio NJM567M Datasheet HTML 7Page - New Japan Radio NJM567M Datasheet HTML 8Page - New Japan Radio NJM567M Datasheet HTML 9Page - New Japan Radio NJM567M Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM567
-7-
Ver.2003-12-09
◎
Speed of Operation
Minimum lock-up time is related to the natural frequency of the loop. The lower it is, the longer becomes the turn-on
transient. Thus, maximum operating speed is obtained when C2 is at a minimum. When the signal is frist applied, the
phase may be such as to initially drive the controlled oscillator away form the incoming frequency rather than toward it.
Under this condition, which is of course unpredictable, the lock-up transient is at its worst and the theoretical minimum
lock-up time is not achievable. We must simply wait for the transient to die out.
The following expressions give the values of C2 and C3 which allow highest operating speeds for various band center
frequencies. The minimum rate at which digital information may be detected without information loss due to the turn-on
transient or output chatter is about 10 cycles per bit, corresponding to an information transfer rate of fO/10 baud.
F
µ
f
260
C
F
µ
f
130
C
O
3
O
2
=
=
In cases where turn-off time can be sacrificed to achieve fast turn-on, the optional sensitivity adjustment circuit can be
used to move the quiescent C3 voltage lower (closer to the threshold voltage). However, sensitivity to beat frequencies,
noise and extraneous signals will be increased.
◎
Optional Controls (Figure 3)
The 567 has been designed so that, for most applications, no external adjustments are required. Certain applications,
however, will be greatly facilitated if full advantage is taken of the added control possibilities available through the use of
additional external components. In the diagrams given, typical values are suggested where applicable. For best results
the resistors used,except where noted, should have the same temperature coefficient. Ideally, silicon diodes woulds be
low-resistivity types, such as forward-biased transistor base-emitter junctions. However, ordinary low-voltage diodes
should be adequate for most applications.
◎
Sensitivity Adjustment (Figure 3)
When operated as a very narrow band detector (less than 8 precent), both C2 and C3 are made quite large in order to
improve noise and outband signal rejection. This will inevitably slow the response time. If, however, the output stage is
biased closer to the threshold level, the turn-on time can be improved. This is accomplished by drawing additional current
to terminal 1. Under this condition, the 567 will also give an output for Lower-level signals (10mV or lower).
By adding current to terminal 1, the output stage is biased further away from the threshold voltage. This is most useful
when, to obtain maximum operating speed. C2 and C3 are made very small. Normally, frequencies just outside the
detection band could cause false outputs under this condition. By desensitizing the output stage, the outband beat notes
do not feed through to the output stage. Since the input level must be somewhat greater when the output stage is made
less sensitive, rejection of third harmonics or in-band harmonics (of lower frequency signals) is also improved.
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com