Electronic Components Datasheet Search
  English  ▼

X  

LPC2470 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2470
Description  Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2470 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2470 Datasheet HTML 17Page - NXP Semiconductors LPC2470 Datasheet HTML 18Page - NXP Semiconductors LPC2470 Datasheet HTML 19Page - NXP Semiconductors LPC2470 Datasheet HTML 20Page - NXP Semiconductors LPC2470 Datasheet HTML 21Page - NXP Semiconductors LPC2470 Datasheet HTML 22Page - NXP Semiconductors LPC2470 Datasheet HTML 23Page - NXP Semiconductors LPC2470 Datasheet HTML 24Page - NXP Semiconductors LPC2470 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
LPC2470_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 15 October 2009
21 of 83
NXP Semiconductors
LPC2470
Flashless 16-bit/32-bit microcontroller
P3[24]/D24/
CAP0[1]/
PWM1[1]
58[1]
R5[1]
I/O
P3[24] — General purpose digital input/output pin.
I/O
D24 — External memory data line 24.
I
CAP0[1] — Capture input for Timer 0, channel 1.
O
PWM1[1] — Pulse Width Modulator 1, output 1.
P3[25]/D25/
MAT0[0]/
PWM1[2]
56[1]
U2[1]
I/O
P3[25] — General purpose digital input/output pin.
I/O
D25 — External memory data line 25.
O
MAT0[0] — Match output for Timer 0, channel 0.
O
PWM1[2] — Pulse Width Modulator 1, output 2.
P3[26]/D26/
MAT0[1]/
PWM1[3]
55[1]
T3[1]
I/O
P3[26] — General purpose digital input/output pin.
I/O
D26 — External memory data line 26.
O
MAT0[1] — Match output for Timer 0, channel 1.
O
PWM1[3] — Pulse Width Modulator 1, output 3.
P3[27]/D27/
CAP1[0]/
PWM1[4]
203[1]
A1[1]
I/O
P3[27] — General purpose digital input/output pin.
I/O
D27 — External memory data line 27.
I
CAP1[0] — Capture input for Timer 1, channel 0.
O
PWM1[4] — Pulse Width Modulator 1, output 4.
P3[28]/D28/
CAP1[1]/
PWM1[5]
5[1]
D2[1]
I/O
P3[28] — General purpose digital input/output pin.
I/O
D28 — External memory data line 28.
I
CAP1[1] — Capture input for Timer 1, channel 1.
O
PWM1[5] — Pulse Width Modulator 1, output 5.
P3[29]/D29/
MAT1[0]/
PWM1[6]
11[1]
F3[1]
I/O
P3[29] — General purpose digital input/output pin.
I/O
D29 — External memory data line 29.
O
MAT1[0] — Match output for Timer 1, channel 0.
O
PWM1[6] — Pulse Width Modulator 1, output 6.
P3[30]/D30/
MAT1[1]/
RTS1
19[1]
H3[1]
I/O
P3[30] — General purpose digital input/output pin.
I/O
D30 — External memory data line 30.
O
MAT1[1] — Match output for Timer 1, channel 1.
O
RTS1 — Request to Send output for UART1.
P3[31]/D31/
MAT1[2]
25[1]
J3[1]
I/O
P3[31] — General purpose digital input/output pin.
I/O
D31 — External memory data line 31.
O
MAT1[2] — Match output for Timer 1, channel 2.
P4[0] to P4[31]
I/O
Port 4: Port 4 is a 32-bit I/O port with individual direction controls for
each bit. The operation of port 4 pins depends upon the pin function
selected via the pin connect block.
P4[0]/A0
75[1]
U9[1]
I/O
P4[0] — ]General purpose digital input/output pin.
I/O
A0 — External memory address line 0.
P4[1]/A1
79[1]
U10[1]
I/O
P4[1] — General purpose digital input/output pin.
I/O
A1 — External memory address line 1.
P4[2]/A2
83[1]
T11[1]
I/O
P4[2] — General purpose digital input/output pin.
I/O
A2 — External memory address line 2.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com