Electronic Components Datasheet Search
  English  ▼

X  

PCA9306 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9306 Datasheet HTML 4Page - NXP Semiconductors PCA9306 Datasheet HTML 5Page - NXP Semiconductors PCA9306 Datasheet HTML 6Page - NXP Semiconductors PCA9306 Datasheet HTML 7Page - NXP Semiconductors PCA9306 Datasheet HTML 8Page - NXP Semiconductors PCA9306 Datasheet HTML 9Page - NXP Semiconductors PCA9306 Datasheet HTML 10Page - NXP Semiconductors PCA9306 Datasheet HTML 11Page - NXP Semiconductors PCA9306 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PCA9306_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 26 October 2009
8 of 23
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
10. Dynamic characteristics
Table 7.
Dynamic characteristics (translating down)
Tamb = −40 °C to +85 °C, unless otherwise specified. Values guaranteed by design.
Symbol
Parameter
Conditions
CL =50pF
CL =30pF
CL =15pF
Unit
Min
Max
Min
Max
Min
Max
VI(EN) = 3.3 V; VIH = 3.3 V; VIL =0V; VM = 1.15 V (see Figure 8)
tPLH
LOW to HIGH
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
2.0
0
1.2
0
0.6
ns
tPHL
HIGH to LOW
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
2.0
0
1.5
0
0.75
ns
VI(EN) = 2.5 V; VIH = 2.5 V; VIL =0V; VM = 0.75 V (see Figure 8)
tPLH
LOW to HIGH
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
2.0
0
1.2
0
0.6
ns
tPHL
HIGH to LOW
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
2.5
0
1.5
0
0.75
ns
Table 8.
Dynamic characteristics (translating up)
Tamb = −40 °C to +85 °C, unless otherwise specified. Values guaranteed by design.
Symbol
Parameter
Conditions
CL =50pF
CL =30pF
CL =15pF
Unit
Min
Max
Min
Max
Min
Max
VI(EN) = 3.3 V; VIH = 2.3 V; VIL =0V; VTT = 3.3 V; VM = 1.15 V; RL = 300 Ω (see Figure 8)
tPLH
LOW to HIGH
propagation delay
from (input) SCL1 or SDA1
to (output) SCL2 or SDA2
0
1.75
0
1.0
0
0.5
ns
tPHL
HIGH to LOW
propagation delay
from (input) SCL1 or SDA1
to (output) SCL2 or SDA2
0
2.75
0
1.65
0
0.8
ns
VI(EN) = 2.5 V; VIH = 1.5 V; VIL =0V; VTT = 2.5 V; VM = 0.75 V; RL = 300 Ω (see Figure 8)
tPLH
LOW to HIGH
propagation delay
from (input) SCL1 or SDA1
to (output) SCL2 or SDA2
0
1.75
0
1.0
0
0.5
ns
tPHL
HIGH to LOW
propagation delay
from (input) SCL1 or SDA1
to (output) SCL2 or SDA2
0
3.3
0
2.0
0
1.0
ns
a. Load circuit
b. Timing diagram
S1 = translating up; S2 = translating down.
CL includes probe and jig capacitance.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz; Zo =50 Ω; tr ≤ 2 ns; tf ≤ 2ns.
The outputs are measured one at a time, with one transition per measurement.
Fig 8.
Load circuit for outputs
002aab845
VTT
RL
S1
S2 (open)
CL
from output under test
002aab846
VIH
VIL
VM
VM
input
output
VOH
VOL
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com