Electronic Components Datasheet Search
  English  ▼

X  

PCF2119X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2119X
Description  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119X Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2119X Datasheet HTML 1Page - NXP Semiconductors PCF2119X Datasheet HTML 2Page - NXP Semiconductors PCF2119X Datasheet HTML 3Page - NXP Semiconductors PCF2119X Datasheet HTML 4Page - NXP Semiconductors PCF2119X Datasheet HTML 5Page - NXP Semiconductors PCF2119X Datasheet HTML 6Page - NXP Semiconductors PCF2119X Datasheet HTML 7Page - NXP Semiconductors PCF2119X Datasheet HTML 8Page - NXP Semiconductors PCF2119X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
2 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
I Uses common 11 code instruction set (extended)
I Logic supply voltage: VDD1 − VSS1 = 1.5 V to 5.5 V (chip may be driven with two
battery cells)
I LCD supply voltage: VLCDOUT − VSS2 = 2.2 V to 6.5 V
I VLCD generator supply voltage: VDD2 − VSS2 = 2.2 V to 4 V and
VDD3 − VSS2 =2.2Vto4V
I Direct mode to save current consumption for icon mode and multiplex drive mode 1:9
(depending on VDD2 value and LCD liquid properties)
I Very low current consumption (20 µA to 200 µA):
N Icon mode: < 25 µA
N Power-down mode: < 2 µA
I Icon mode is used to save current. When only icons are displayed, a much lower LCD
operating voltage can be used and the switching frequency of the LCD outputs is
reduced; in most applications it is possible to use VDD as LCD supply voltage
3.
Applications
I Telecom equipment
I Portable instruments
I Point-of-sale terminals
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF2119AU/2DA/2 PCF2119x
bare die: 168 bumps; 7.59
× 1.71 × 0.38 mm
PCF2119x
PCF2119DU/2/2
PCF2119x
bare die: 168 bumps; 7.59
× 1.71 × 0.38 mm
PCF2119x
PCF2119FU/2/F2
PCF2119x
bare die: 168 bumps; 7.59
× 1.71 × 0.38 mm
PCF2119x
PCF2119RU/2/F2
PCF2119x
bare die: 168 bumps; 7.59
× 1.71 × 0.38 mm
PCF2119x
PCF2119SU/2/F2
PCF2119x
bare die: 168 bumps; 7.59
× 1.71 × 0.38 mm
PCF2119x
PCF2119VU/2/F2
PCF2119x
bare die: 168 bumps; 7.59
× 1.71 × 0.38 mm
PCF2119x
Table 2.
Marking codes
Type number
Marking code
PCF2119AU/2DA/2
PC2119-2
PCF2119DU/2/2
PC2119-2
PCF2119FU/2/F2
PC2119-2
PCF2119RU/2/F2
PC2119-2
PCF2119SU/2/F2
PC2119-2
PCF2119VU/2/F2
PC2119-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com