Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/DA/2 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8576DU/DA/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/DA/2 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8576DU/DA/2 Datasheet HTML 37Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 38Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 39Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 40Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 41Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 42Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 43Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 44Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
41 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
16. Packing information
16.1 Tray information
Fig 28. Tray details
Table 21.
Tray dimensions (see Figure 28)
Symbol
Description
Value
Unit
A
pocket pitch in x direction
5.59
mm
B
pocket pitch in y direction
6.35
mm
C
pocket width in x direction
3.16
mm
D
pocket width in y direction
3.16
mm
E
tray width in x direction
50.8
mm
F
tray width in y direction
50.8
mm
G
cut corner to pocket 1.1 center
5.83
mm
H
cut corner to pocket 1.1 center
6.35
mm
x
number of pockets, x direction
8
-
y
number of pockets, y direction
7
-
x
y
F
H
mce404
D
E
A
G
1,1
x,1
2,1
1,2
1,y
x,y
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com