Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/2DA/2 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8576DU/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/2DA/2 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8576DU/2DA/2 Datasheet HTML 33Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 34Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 35Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 37Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 38Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 39Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 40Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
37 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
14. Bare die outline
Fig 26. Bare die outline PCF8576DU/DA/2
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF8576DU/DA
pcf8576du_da_do
08-10-20
08-12-10
Unit
mm
max
nom
min
0.38
2.26
0.072
0.09
0.08
0.066
A
Dimensions
Notes
1. Pad size
2. Passivation opening
3. Dimension not drawn to scale
4. Marking code: PC8576D-2
Wire bond die; 59 bonding pads; 2.26 x 2.01 x 0.38 mm
PCF8576DU/DA
DE
2.01
e(3)
P1(1) P2(2) P3(1) P4(2)
0.056
0
0.5
1 mm
scale
A
e
X
(4)
0
0
y
x
D
E
C2
59 1
52
8
C1
22
35
36
51
9
21
detail X
P2
P1
P4
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com