Electronic Components Datasheet Search
  English  ▼

X  

NJM2232AM Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2232AM
Description  FM IF WITH LOG AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2232AM Datasheet(HTML) 2 Page - New Japan Radio

  NJM2232AM Datasheet HTML 1Page - New Japan Radio NJM2232AM Datasheet HTML 2Page - New Japan Radio NJM2232AM Datasheet HTML 3Page - New Japan Radio NJM2232AM Datasheet HTML 4Page - New Japan Radio NJM2232AM Datasheet HTML 5Page - New Japan Radio NJM2232AM Datasheet HTML 6Page - New Japan Radio NJM2232AM Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM2232A
- 2 -
Ver.2003-12-09
■ TERMINAL EXPLANATION
PIN
SYMBOL
Function
1
VCC
Supply Voltage Input of IF-AMP 1, RSSI and Reference
2
IF IN
IF-AMP1 ( Limitter Amp.) Signal Input
3
GND
Ground of IF-AMP 1, RSSI and Reference
4
EXT. C1
Capacitor Connection Terminal 1 (Limitter Amp. AC Decoupling)
5
EXT. C2
Capacitor Connection Terminal 2 (Limitter Amp. AC Decoupling)
6
DEC 1
Reference Decoupling Capacitor 1
7
FILT IN
Filter Input between IF-AMP 1 and IF-AMP 2
8
DEC 2
Reference Decoupling Capacitor 2
9
EXT.C3
Capacitor Connection Terminal 3 (Limitter Amp. AC Decoupling)
10
AGND
Ground of IF-AMP 2, and RSSI
11
IF OUT
IF-AMP 2 (Limitter Amp.) Signal Output
12
AVCC
Supply Voltage Input of IF-AMP 2 and RSSI
13
RSSI
RSSI Input
14
CVCC
FM-DISCRI Supply Voltage Input
15
QUAD IN
Quadrature Detector Input
16
CGND
FM-DISCRI Ground
17
AF OUT
Audio Signal Output
18
DEC 3
Reference Decoupling Capacitor 3
19
BGND
Mixer Ground
20
MIX IN
Mixer Signal Input
21
OSC 2
Crystal Oscillator Terminal 2
22
OSC 1
Crystal Oscillator Terminal 1
23
BVCC
Mixer Supply Voltage Input
24
MiX OUT
Mixer Signal Output
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
12
V
Power Dissipation
PD
700
mW
Operating Temperature Range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
■ ELECTRICAL CHARACTERISTICS
(V+=6V, Ta=25°C±2°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
ICC
11, 21, 22pin, no loading
-
5.2
8.5
mA
Mixer Voltage Gain
GMIX
fIN=90MHz, -40dBm
18
20
22
dB
RSSI Output Voltage (1)
VL1
fIN=455kHz, -90dBm
0.135
-
0.405
V
RSSI Output Voltage (2)
VL2
fIN=455kHz, -80dBm
0.41
-
0.71
V
RSSI Output Voltage (3)
VL3
fIN=455kHz, 0dBm
2.56
-
2.94
V
RSSI Linearity
VLIN
(Note 1)
-1
0
1
dB
RSSI Dynamic Range
DR
(Note 1)
90
-
-
dB
IF Output Voltage
VIF
fIN=455kHz, -50dBm
1.2
1.4
1.6
V
Audio Output Voltage
VOUT
Standard Modulation Signal (Note 2)
150
200
250
mV
Total Harmonic Distortion
THD
Standard Modulation Signal (Note 2)
-
-
1
%
S / N Ratio
S / N
Standard Modulation Signal (Note 2)
40
-
-
dB
AMRR
AMR
Standard Modulation Signal (Note 3)
30
-
-
dB
(Note 1) RSSI Linearity has 10 measuring points (-90, -80 to 0dBm) from where getting the ideal linearity by way of mini square method, and
that each 10 measured spots should stay on within the range of ±1dB that can be obtained during the process of the measurement.
Also in the process of the measurement, RSSI dynamic range 90dB can be obtained at the same time.
(Note 2) fIN=455kHz, -20dBm, fMOD=1kHz, fDEV=3kHz
(Note 3) fIN=455kHz, -20dBm, fMOD=1kHz, AM 30%MOD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com