Electronic Components Datasheet Search
  English  ▼

X  

NJM2292 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2292
Description  NARROW BAND FM IF IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2292 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2292 Datasheet HTML 1Page - New Japan Radio NJM2292 Datasheet HTML 2Page - New Japan Radio NJM2292 Datasheet HTML 3Page - New Japan Radio NJM2292 Datasheet HTML 4Page - New Japan Radio NJM2292 Datasheet HTML 5Page - New Japan Radio NJM2292 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NJM2292
- 4 -
Ver.2003-12-09
■ TERMINAL FUNCTION (V+=2.4V)
PIN NO.
SYMBOL
PIN VOL-
TAGE(typ.)
FUNCTION
EQUIVALENT CIRCUIT
10
QUAD COIL
-
A quadrature detector input
11
AF OUT
1.18V
The output of the FM demodulated
signal.
12
RSSI
-
An RSSI output.
The output current signal is in
logarithmic proportion to the input
signal.
13
AMP IN
-
An operational amplifier inverted input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com