Electronic Components Datasheet Search
  English  ▼

X  

NJM2525 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2525
Description  4CH VIDEO AMPLIFIER WITH SW&SD/ HD LPF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2525 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2525 Datasheet HTML 1Page - New Japan Radio NJM2525 Datasheet HTML 2Page - New Japan Radio NJM2525 Datasheet HTML 3Page - New Japan Radio NJM2525 Datasheet HTML 4Page - New Japan Radio NJM2525 Datasheet HTML 5Page - New Japan Radio NJM2525 Datasheet HTML 6Page - New Japan Radio NJM2525 Datasheet HTML 7Page - New Japan Radio NJM2525 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
- 4 -
NJM2525
(Note 5) SYIN – VOUT, YIN – YOUT (Note 6)VIN-VOUT,YIN2-YOUT,PbIN2-PbOUT,PrIN2-PrOUT
(Note 7) SYIN/VIN - VOUT,YIN1/YIN2 - YOUT,PbIN1/PbIN2 - PbOUT,PrIN1/PrIN2 - PrOUT
s
s
s
s ELECTRICAL CHARACTERISTICS
(Ta=25
°C, V
+= 5V, R
L=150Ω)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX. UNIT
SW Voltage
High Level
VthH
2.0
-
V
+
V
SW Voltage
Low Level
VthL
0
-
1.0
V
Switch inflow
current High Level
IthH
VSLSW=VLPFSW=VPS1=VPS2=5V
-
-
120
µA
Switch inflow
current Low Level
IthL
VSLSW=VLPFSW=VPS1=VPS2=0.3V
-
-
8.0
µA
s
s
s
s CONTROL TERMINAL
PARAMETER
STATUS
NOTE
H
(SY, V, SC) Power Save: OFF, Active
L
(SY, V, SC) Power Save: ON, Mute
PS1 (Power Save1)
OPEN
(SY, V, SC) Power Save: ON, Mute
H
(Y, Pb, Pr) Power Save: OFF, Active
L
(Y, Pb, Pr) Power Save: ON, Mute
PS2 (Power Save2)
OPEN
(Y, Pb, Pr) Power Save: ON, Mute
H
YIN2/PbIN2/PrIN2/VIN
L
YIN1/PbIN1/PrIN1/SCIN/SYIN
SL
S
W
(Y/P b/P r OU T )
OPEN
YIN1/PbIN1/PrIN1/SCIN/SYIN
H
30MHz LPF
L
13.5MHz LPF
LPFS
W
(LP
F
)
OPEN
13.5MHz LPF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com