Electronic Components Datasheet Search
  English  ▼

X  

ECH8310 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8310
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8310 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8310 Datasheet HTML 1Page - Sanyo Semicon Device ECH8310 Datasheet HTML 2Page - Sanyo Semicon Device ECH8310 Datasheet HTML 3Page - Sanyo Semicon Device ECH8310 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8310
No. A1430-3/4
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
0
IT14478
0
--1.0
--0.5
--1.5
--2.0
--2.5
--3.0
--3.5
--3
--1
--4
--2
--7
--5
--8
--6
--9
VDS= --10V
--0.2
--0.4
--0.3
--0.6
--0.5
--1.0
--0.9
--0.8
--0.7
--0.001
--0.01
7
5
3
2
2
--0.1
7
5
3
2
2
--1.0
7
5
3
2
--10
7
5
3
IT14479
Ta=25
°C
IT14480
IT14481
IT14482
Ta=
--25
°C
75°
C
25
°C
VDS= --10V
VGS=0V
100
10
7
7
5
3
3
2
5
2
--0.1
2
--1.0
--10
35
7
2
35
7
IT14483
VDD= --15V
VGS= --10V
td(off)
tr
tf
2
td(on)
ID= --2A
--4.5A
0
--2
--10
--12
--8
--6
--4
--14
--16
0
10
20
30
60
50
40
80
70
0.1
2
5
3
2
7
10
7
5
3
2
1.0
7
5
3
2
--0.01
--0.1
22
57
32
--1.0
57
3
--10
57
3
0
1000
7
2
5
100
3
5
3
2
--20
--4
--12
--14
--10
--16
--18
--8
--2
--6
IT14484
f=1MHz
Ciss
Coss
Crss
--60 --40 --20
0
40
60
80
20
140
120
100
160
0
5
20
10
15
35
30
40
25
V GS
= --4.0V
, I D
= --2.0A
VGS
= --10.0V
, ID=
--4.5A
VGS
= --
4.5V
, ID
= --2.0A
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT15075
0
0
--9
--4
--3
--8
--7
--6
--5
--1
--2
--1.0
--0.2 --0.3 --0.4
--0.1
--0.5 --0.6 --0.7 --0.8 --0.9
VGS=
--2.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com