Electronic Components Datasheet Search
  English  ▼

X  

MPR121QR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capacitive Touch Sensor Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPR121QR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MPR121
Sensors
3
Freescale Semiconductor
Touch Sensing
Once the capacitance is determined at any given moment, this information must then be translated into intelligent touch
recognition. The MPR121 has a couple of systems that have improved over the previous generation in the MPR03x series
devices. A baseline tracking system allows the system to track the untouched capacitance in the system. For information on how
to set up the baseline capacitance system refer to application note AN3891. The baseline value is then compared with the current
value to determine if a touch has occurred. A designer has the ability to set both the rising and falling thresholds in addition to a
debounce to eliminate jitter and false touches due to noise. These elements are described in application note AN3892.
Proximity Sensing
A new feature of the MPR121 is the use of a proximity sensing system whereby all of a system’s electrodes can be shorted
together internally and create a single large electrode. The capacitance of this electrode is larger and projected capacitance can
be measured. When enabled, this “13th” electrode will be included at the end of a normal detection cycle and will have its own
independent set of configuration registers. This system is described in application note AN3893.
LED Driver
The MPR121 includes eight shared LED driving pins. When these pins are not configured as electrodes, they may be used to
drive LEDs. The system allows for both pull up and pull down LED configurations as well as general GPIO push/pull functionality.
The configuration of the LED driver system is described in application note AN3894.
Serial Communication
The MPR121 is an Inter-Integrated Circuit (I2C) compliant device with an additional interrupt that is triggered any time a touch or
release of a button is detected. The device has a configurable I2C address by connecting the ADDR pin to the VDD, VSS, SDA
or SCL lines. The resulting I2C addresses are 0x4C, 0x4D, 0x4E and 0x4F respectively. The specific details of this system are
described in AN3895. For reference the register map of the MPR121 is included in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com