Electronic Components Datasheet Search
  English  ▼

X  

MPX5050 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX5050
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5050 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX5050 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5050 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5050 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5050 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5050 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5050 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5050 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5050 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5050 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MPX5050
Sensors
Freescale Semiconductor
5
Pressure
On-chip Temperature Compensation and Calibration
Figure 3 illustrates the Differential/Gauge Sensing Chip in
the basic chip carrier (Case 867). A fluorosilicone gel isolates
the die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the sensor
diaphragm.
The MPX5050/MPXV5050G series pressure sensor
operating characteristics, and internal reliability and
qualification tests are based on use of dry air as the pressure
media. Media, other than dry air, may have adverse effects on
sensor performance and long-term reliability. Contact the
factory for information regarding media compatibility in your
application.
Figure 2 shows the sensor output signal relative to
pressure input. Typical, minimum, and maximum output
curves are shown for operation over a temperature range of
0× to 85×C using the decoupling circuit shown in Figure 4.
The output will saturate outside of the specified pressure
range.
Figure 4 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
Figure 2. Output vs. Pressure Differential
Figure 3. Cross-Sectional Diagram (not to scale)
Figure 4. Recommended Power Supply Decoupling and Output Filtering
(For additional output filtering, please refer to Application Note AN1646)
Differential Pressure (kPa)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
30
35
40
45
55
50
Transfer Function:
Vout = VS*(0.018*P+0.04) ± ERROR
VS = 5.0 Vdc
TEMP = 0 to 85°C
TYPICAL
MIN
MAX
Fluorosilicone
Gel Die Coat
Wire Bond
Die
P1
Stainless Steel
Metal Cover
Lead Frame
Die
Bond
Epoxy
Plastic
Case
P2
Differential/Gauge Element
+5 V
1.0 μF
0.01 μF
470 pF
GND
Vs
Vout
IPS
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com