Electronic Components Datasheet Search
  English  ▼

X  

SC9RS08KA1 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1 Datasheet HTML 65Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 66Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 67Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 68Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 69Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 70Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 71Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 72Page - Freescale Semiconductor, Inc SC9RS08KA1 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 134 page
background image
Chapter 8 Central Processor Unit (RS08CPUV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
69
BRSET n,opr8a,rel
BRSET n,D[X],rel
BRSET n,X,rel
Branch if Bit n in Memory
Set
PC
← (PC) + $0003 + rel, if (Mn) = 1
—
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
IX (b0)
IX (b1)
IX (b2)
IX (b3)
IX (b4)
IX (b5)
IX (b6)
IX (b7)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
00
02
04
06
08
0A
0C
0E
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
0E rr
0E rr
0E rr
0E rr
0E rr
0E rr
0E rr
0E rr
0F rr
0F rr
0F rr
0F rr
0F rr
0F rr
0F rr
0F rr
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
BSET n,opr8a
BSET n,D[X]
BSET n,X
Set Bit n in Memory
Mn
← 1
——
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
IX (b0)
IX (b1)
IX (b2)
IX (b3)
IX (b4)
IX (b5)
IX (b6)
IX (b7)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
10
12
14
16
18
1A
1C
1E
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
0E
0E
0E
0E
0E
0E
0E
0E
0F
0F
0F
0F
0F
0F
0F
0F
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
Table 8-1. Instruction Set Summary (Sheet 3 of 6)
Source
Form
Description
Operation
Effect
on
CCR
ZC
1. This is a pseudo instruction supported by the normal RS08 instruction set.
2. This instruction is different from that of the HC08 and HCS08 in that the RS08 does not auto-increment the index register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com