Electronic Components Datasheet Search
  English  ▼

X  

MPC5604B Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Electrical characteristics
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
17
4.7.2
I/O input DC characteristics
Table 11 provides input DC electrical characteristics as described in Figure 5.
Figure 5. I/O input DC electrical characteristics definition
4.7.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
Table 12 provides weak pull figures. Both pull-up and pull-down resistances are supported.
Table 13 provides output driver characteristics for I/O pads when in SLOW configuration.
Table 11. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VIH
SR P Input high level CMOS (Schmitt
Trigger)
0.65VDD
VDD+0.4
V
VIL
SR P Input low level CMOS (Schmitt
Trigger)
−0.4
0.35VDD
VHYS CC C Input hysteresis CMOS (Schmitt
Trigger)
0.1VDD
ILKG CC P Digital input leakage
No injection
on adjacent
pin
TA = −40 °C
2
nA
P
TA = 25 °C
2
D
TA = 105 °C
12
500
P
TA = 125 °C
70
1000
WFI SR P Digital input filtered pulse
40
ns
WNFI SR P Digital input not filtered pulse
1000
ns
VIL
VIN
VIH
PDIx = ‘1’
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com