Electronic Components Datasheet Search
  English  ▼

X  

9431SC Datasheet(PDF) 2 Page - Weitron Technology

Part # 9431SC
Description  Surface Mount P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

9431SC Datasheet(HTML) 2 Page - Weitron Technology

  9431SC Datasheet HTML 1Page - Weitron Technology 9431SC Datasheet HTML 2Page - Weitron Technology 9431SC Datasheet HTML 3Page - Weitron Technology 9431SC Datasheet HTML 4Page - Weitron Technology 9431SC Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WEITRON
http://www.weitron.com.tw
Input Capacitance
VDS=-10V,VGS=0V, f=1MHZ
Output Capacitance
VDS=-10V,VGS=0V, f=1MHZ
Reverse Transfer Capacitance
VDS=-10V,VGS=0V, f=1MHZ
Total Gate Charge(2)
Drain-Source Breakdown Voltage
VGS=0V, ID=-250 µA
Gate-Source Threshold Voltage
VDS=VGS, ID=-250 µA
Gate-Source Leakage Current
VDS=0V,VGS= 8V
Drain-Source On-Resistance(2)
VGS=-10V, ID=-5.3A
Forward Transconductance(2)
VDS=-5V, ID=-3.5A
Static
Dynamic
Switching
Characteristic
Symbol
Unit
Min
Typ
Max
V(BR)DSS
VGS (th)
RDS(on)
VSD
IGSS
IDSS
gfs
Ciss
Coss
Crss
td(on)
t
)
Qg
Qgs
Qgd
-20
-
V
-0.4
-
-1.0
V
-
-
-
-
-
-1
-25
100
nA
m
µA
S
-
-
130
180
405
170
45
F
P
6.5
31
21
6
0.8
1.3
-
-1.2
nS
nS
nS
nS
nc
nc
nc
V
-
20
-
Electrical Characteristics(TA=25°C Unless otherwise noted)
Zero Gate Voltage Drain Current
VDS=-16V,VGS=0V
VDS=-12V,VGS=0V
-
-
-
6.5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
8.5
-
-
-
-
Turn-On Delay Time(2)
Turn-O Time
+
+
-
-
Rise Time
t
t
Fall Time
f
r
Notes:
VGS=-4.5V, ID=-4.2A
Gate-Source Charge
Gate-Drain Charge
Drain-Source Diode Forward Voltage(2)
VGS=0V, IS=-2.1A
IS
-
-2.1
A
-
Continuous Source Current (Body Diode)
2/5
07-Nov-08
WTK9431
1. Pulse width limited by Max. junction temperature.
2. Pulse width 300µs, duty cycle ≤ 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 125°C/W when mounted on Min. copper pad.
VDD = -5V, ID = -1A, VGS = -4.5V, RG = 6
VDD = -5V, ID = -1A, VGS = -4.5V, RG = 6
VDD = -5V, ID = -1A, VGS = -4.5V, RG = 6
VDD = -5V, ID = -1A, VGS = -4.5V, RG = 6
VDS=-5V, ID=-5.3A,VGS=-4.5V
VDS=-5V, ID=-5.3A,VGS=-4.5V
VDS=-5V, ID=-5.3A,VGS=-4.5V
VD=VG=0V, VS=-1.2V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com