Electronic Components Datasheet Search
  English  ▼

X  

9971SS Datasheet(PDF) 1 Page - Weitron Technology

Part # 9971SS
Description  Surface Mount Dual N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

9971SS Datasheet(HTML) 1 Page - Weitron Technology

  9971SS Datasheet HTML 1Page - Weitron Technology 9971SS Datasheet HTML 2Page - Weitron Technology 9971SS Datasheet HTML 3Page - Weitron Technology 9971SS Datasheet HTML 4Page - Weitron Technology 9971SS Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WEITRON
http://www.weitron.com.tw
WTK9971
Surface Mount Dual N-Channel
SO-8
DRAIN CURRENT
5 AMPERES
1
Features:
*Super high dense cell design for low RDS(ON)
*Dual N MOSFET Package
*Simple Drive Requirement
*SO-8 Package
RDS(ON)<50m @VGS = 10V
Enhancement Mode MOSFET
RDS(ON)<60m
@VGS = 4.5V
1/5
19-Nov-08
Rating
Symbol
Value
Unite
VDS
VGS
ID
IDM
PD
RθJA
Operating Junction and Storage
Temperature Range
TJ,Tstg
-55 to 150
C
V
V
A
W
C/W
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current (TA =25˚C)
Pulsed Drain Current
Power Dissipation
Maximax Junction-to-Ambient
Maximum Ratings (TA=25 C Unless Otherwise Specified)
Device Marking
WTK9971=9971SS
60
20
5.0
A
3.2
30
2
62.5
-
+
(TA =70˚C)
(TA =25˚C)
(2)
(1)
(1)
(1)
60 VOLTAGE
DRAIN SOURCE VOLTAGE
Lead(Pb)-Free
P b


Similar Part No. - 9971SS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9971 VBSEMI-9971 Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
99711E3 VISHAY-99711E3 Datasheet
144Kb / 11P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
05-Dec-16
99712E3 VISHAY-99712E3 Datasheet
144Kb / 11P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
05-Dec-16
logo
VBsemi Electronics Co.,...
9971AGJ VBSEMI-9971AGJ Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Advanced Power Electron...
9971GD A-POWER-9971GD Datasheet
168Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 9971SS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXDM7002A CENTRAL-CMXDM7002A Datasheet
87Kb / 2P
DUAL N-CHANNEL ENHANCEMENT-MODE SURFACE MOUNT MOSFET
logo
Weitron Technology
WTK4228 WEITRON-WTK4228 Datasheet
562Kb / 5P
Surface Mount Dual N-Channel Enhancement Mode MOSFET
WTK4224 WEITRON-WTK4224 Datasheet
717Kb / 5P
Surface Mount Dual N-Channel Enhancement Mode MOSFET
logo
Central Semiconductor C...
CMLDM7002A CENTRAL-CMLDM7002A_10 Datasheet
629Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMRDM3590 CENTRAL-CMRDM3590_12 Datasheet
436Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CWDM305ND CENTRAL-CWDM305ND Datasheet
1Mb / 3P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003TG CENTRAL-CMLDM7003TG_15 Datasheet
779Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM7005 CENTRAL-CMLDM7005_15 Datasheet
1Mb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMXDM7002A CENTRAL-CMXDM7002A_15 Datasheet
709Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CTLDM303N-M832DS CENTRAL-CTLDM303N-M832DS_15 Datasheet
684Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com