Electronic Components Datasheet Search
  English  ▼

X  

NJU26124VC2 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJU26124VC2
Description  Digital Signal Processor for TV
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26124VC2 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJU26124VC2 Datasheet HTML 14Page - New Japan Radio NJU26124VC2 Datasheet HTML 15Page - New Japan Radio NJU26124VC2 Datasheet HTML 16Page - New Japan Radio NJU26124VC2 Datasheet HTML 17Page - New Japan Radio NJU26124VC2 Datasheet HTML 18Page - New Japan Radio NJU26124VC2 Datasheet HTML 19Page - New Japan Radio NJU26124VC2 Datasheet HTML 20Page - New Japan Radio NJU26124VC2 Datasheet HTML 21Page - New Japan Radio NJU26124VC2 Datasheet HTML 22Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
NJU26124
-21-
Ver.2008-12-03
■ NJU26124CommandTable
Table 16 NJU26124 Command (Mode terminal (High), FIR Filter + 3 Band PEQ Mode)
Table 17 NJU26124 Command (Mode terminal (Low), PEQ + Time Alignment Delay Mode)
Notes : In respect to detail command information, request New Japan Radio Co., Ltd.
■ Response of status
NJU26124 returns the response of 4 types to the host controller.
Table 18 Response of status
Response
Command
Remark
Status : Command Accepted
0x80
Reception OK
Status : Command Error
0x81
Reception ERROR
Status : Command Process
0x82
Command processing
Status : Not Ready
0x83
Initialization
No.
Command
No.
Command
1
Set Task
13
Fs=32kHz FIR Filter New Coefficient Lch
2
System State
14
Fs=32kHz FIR Filter New Coefficient Rch
3
Sample Rate Select
15
FIR Filter Coefficient Update Command
4
Smooth Control
16
PEQ F0 for FIR Filter
5
Master Volume
17
PEQ Q for FIR Filter
6
Channel Trim
18
PEQ Gain for FIR Filter
7
Input Trim
19
PEQ Mode Config for FIR Filter
8
Bypass Trim
20
PEQ Smooth Config
9
Fs=48kHz FIR Filter New Coefficient Lch
21
Firmware Revision Number Request
10
Fs=48kHz FIR Filter New Coefficient Rch
22
Software Reset
11
Fs=44.1kHz FIR Filter New Coefficient Lch
23
Start Command
12
Fs=44.1kHz FIR Filter New Coefficient Rch
24
No Operation (Nop)
No.
Command
No.
Command
1
Set Task
11
PEQ Q
2
System State
12
PEQ Gain
3
Sample Rate Select
13
PEQ Mode Config
4
Smooth Control
14
Time Alignment Delay
5
Master Volume
15
PEQ Smooth Config
6
Channel Trim
16
Firmware Revision Number Request
7
Input Trim
17
Software Reset
8
Center Mix Trim
18
Start Command
9
Input / Output Channel Select
19
No Operation (Nop)
10
PEQ F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com