Electronic Components Datasheet Search
  English  ▼

X  

NJW1124 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW1124
Description  Voice Switched Speakerphone circuit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1124 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW1124 Datasheet HTML 17Page - New Japan Radio NJW1124 Datasheet HTML 18Page - New Japan Radio NJW1124 Datasheet HTML 19Page - New Japan Radio NJW1124 Datasheet HTML 20Page - New Japan Radio NJW1124 Datasheet HTML 21Page - New Japan Radio NJW1124 Datasheet HTML 22Page - New Japan Radio NJW1124 Datasheet HTML 23Page - New Japan Radio NJW1124 Datasheet HTML 24Page - New Japan Radio NJW1124 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
NJW1124
– 21 –
7.2 Background Noise Monitor
Background Noise Monitor judges whether the input signal is noise or sound or voice by TLO2 and RLO2 voltage,
and change the mode.
The NJW1124 includes the Background noise monitor on transmit side and receive side.
Fig.10 shows Block diagram of Background noise monitor.
The voltage difference between TLO2 or RLO1 and Ref is amplified 8.6dB on AMP1.
The signal from AMP1 inputs 2
nd stage AMP2 and comparator (COMP).
The COMP non-inverting input voltage becoming 36mV higher than inverting, COMP output 1,which shows the
NJW1124 is transmit or receive mode.
At the same time, external capacitor charged from 0.8
µA internal current source, until the CCP voltage becomes
46mV higher than AMP2 input voltage.
The equivalent below shows CCP voltage charging.
∆VCCP= 0.8µA/CCP
For example, CCP=1µF, δVCP=0.8V/sec.
Without the input signal, C CP discharged and finally reset the Background noise monitor.
Response example is ex.3.
The signal like continued sign wave inputting, COMP output ‘0’ which is noise-monitoring mode (idle-mode).
The signal like conversation sound inputting, CCP continues to charge and discharge. COMP output continued
to ‘1’, which is transmit or receive mode.
Small Ccp shortens the time shifting to ‘0’ condition. Too small CCP attenuates even the conversation signal.
Large CCP keeps ‘1’ condition long, which lengthen attenuating time.
Capacitor should be adjusted appropriately on actual application.
(Use high input impedance like FET probe measuring voltage of CPT, CPR pin.)
Fig.8 Background Noise Monitor Block Diagram
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
0
100
200
300
400
500
time [m sec]
TLO2
CPT
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
0
1020
3040
50
time [m sec]
TLO2
CPT
Ref
Level
Detector
Tx : S3
Rx : S4
Tx : TLO2
Rx : RLO1
AMP1
AMP2
COMP
36mV
Tx : CPT
Rx : CPR
CCP
(C2,C22)
19kΩ
32kΩ
0.8
µµµµ A
46mV
Response example.3
TLO2 vs. CPT signal (input start)
MCO = 200mVrms/1kHz
C5 = 0.1
µF, C4=1µF
Response example.4
TLO2 vs. CPT signal (input finish)
MCO = 200mVrms/1kHz
C5 = 0.1
µF, C4=1µF
Function
recommendation value
Detail
Memo
Noise Detection
100nF~1
µF
-
The time for noise detection depends on this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com