Electronic Components Datasheet Search
  English  ▼

X  

NJW1124V Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW1124V
Description  Voice Switched Speakerphone circuit
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1124V Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW1124V Datasheet HTML 5Page - New Japan Radio NJW1124V Datasheet HTML 6Page - New Japan Radio NJW1124V Datasheet HTML 7Page - New Japan Radio NJW1124V Datasheet HTML 8Page - New Japan Radio NJW1124V Datasheet HTML 9Page - New Japan Radio NJW1124V Datasheet HTML 10Page - New Japan Radio NJW1124V Datasheet HTML 11Page - New Japan Radio NJW1124V Datasheet HTML 12Page - New Japan Radio NJW1124V Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
NJW1124
– 9 –
!
!
!
! TYPICAL CHARACTERISTICS
MUTE Pin Voltage vs MUTE ATT Ratio
(V+=3.3V , MICAMP GAIN=40dB, Rf=300k
Ω, Ri=3kΩ, A-weighted)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
0.5
1
1.5
2
2.5
MUT PIN Voltage [V]
85℃
-40℃
25℃
MUTE Pin Voltage vs MUTE ATT Ratio
(V+=4.0V , MICAMP GAIN=40dB, Rf=300k
Ω, Ri=3kΩ, A-weighted)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
0.5
1
1.5
2
2.5
MUT PIN Voltage [V]
85℃
-40℃
25℃
MUTE Pin Voltage vs MUTE ATT Ratio
(V+=3.3V , MICAMP GAIN=0dB, Rf=3k
Ω, Ri=3kΩ, A-weighted)
-60
-50
-40
-30
-20
-10
0
10
00.5
11.5
22.5
MUT PIN Voltage [V]
85℃
-40℃
25℃
MUTE Pin Voltage vs MUTE ATT Ratio
(V+=4.0V , MICAMP GAIN=0dB, Rf=3k
Ω, Ri=3kΩ, A-weighted)
-60
-50
-40
-30
-20
-10
0
10
00.5
11.5
22.5
MUT PIN Voltage [V]
85℃
-40℃
25℃
MICAMP Gain vs Frequency
(V+=3.3V , RL=5.1k
Ω, Cin=1µF, Rin=3kΩ)
-10
0
10
20
30
40
50
10
100
1000
10000
100000
Frequency [Hz]
85℃
25℃
-40℃
85℃
25℃
-40℃
Gv=40dB, Rf=300k
Ω, Vin=1mV
Gv=0dB, Rf=3k
Ω, Vin=100mV
MICAMP Gain vs Frequency
(V+=4.0V , RL=5.1k
Ω, Cin=1µF, Rin=3kΩ)
-10
0
10
20
30
40
50
10
100
1000
10000
100000
Frequency [Hz]
85℃
25℃
-40℃
85℃
25℃
-40℃
Gv=40dB, Rf=300k
Ω, Vin=1mV
Gv=0dB, Rf=3k
Ω, Vin=100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com