Electronic Components Datasheet Search
  English  ▼

X  

MPC8378ECZQALDA Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC8378ECZQALDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECZQALDA Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECZQALDA Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8378ECZQALDA Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8378ECZQALDA Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8378ECZQALDA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8378ECZQALDA Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8378ECZQALDA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8378ECZQALDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8378ECZQALDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8378ECZQALDA Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
27
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 8. SGMII Transmitter DC Measurement Circuit
8.2.3
DC Requirements for SGMII SD_REF_CLK and SD_REF_CLK_B
See Section 20.2.2, “DC Level Requirement for SerDes Reference Clocks.”
8.3
SGMII, MII, RGMII, RMII, and RTBI AC Timing Specifications
The AC timing specifications for SGMII, MII, RGMII, RMII and RTBI are presented in this section.
8.3.1
SGMII AC Timing Specifications
This section describes the SGMII transmit and receive AC timing specifications. Transmitter and receiver
characteristics are measured at the transmitter outputs (L1_SD_TXn and L1_SD_TXn) or at the receiver
inputs (L1_SD_RXn and L1_SD_RXn) as depicted in Figure 9 respectively.
Figure 9. SGMII AC Test/Measurement Load
50
Ω
Transmitter
L1_SD_TX
n
L1_SD_TX
n
50
Ω
Vos
VOD
MPC8378E SGMII
SerDes Interface
50
Ω
50
Ω
TX
C = CTX
Silicon
+ Package
C = CTX
R = 50
Ω
R = 50
Ω
D+ Package Pin
D– Package Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com