Electronic Components Datasheet Search
  English  ▼

X  

ZJ2.2C Datasheet(PDF) 2 Page - Weitron Technology

Part # ZJ2.2C
Description  Axial Lead Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ZJ2.2C Datasheet(HTML) 2 Page - Weitron Technology

  ZJ2.2C Datasheet HTML 1Page - Weitron Technology ZJ2.2C Datasheet HTML 2Page - Weitron Technology ZJ2.2C Datasheet HTML 3Page - Weitron Technology ZJ2.2C Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZJ Series
WEITRON
http//www.weitron.com.tw
Maximum Ratings and Electrical Characteristics (TA=25°C Unless Otherwise Noted)
Symbol
Unit
P V
500
mW
T j
175
°C
Tstg
-65~+175
°C
RθJA
Parameter
Power dissipation
RθJA ≤ 300K/W
Storage temperature range
Junction temperature
K/W
500
on PC board 50mm x 50mm x 1.6mm
Value
2/4
05-Jul-07
Junction ambient



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com