Electronic Components Datasheet Search
  English  ▼

X  

MM4148 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MM4148
Description  SURFACE MOUNT SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM4148 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MM4148 Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM4148 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
o
CHARACTERISTICS at TJ=25 C
ABSOLUTE MAXIMUM RATINGS
UNITS
SYMBOL
SYMBOL
MM4148
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
Reverse Voltage
Peak Reverse Voltage
Rectified Current (Average) Half Wave Rectification with Resist Load at
0
Tamb=25 C and f
50Hz
0
Surge Forward Current at t<1s and TJ=25 C
0
Power Dissipation at Tamb=25 C
Junction Temperature
Storage Temperature Range
UNITS
V
V
mA
mA
mW
0C
0C
75
100
150
500
500
200
-65 to +200
VALUE
VR
VRM
IO
IFSM
Ptot
TJ
TS
Cases Mini Melf Molded Glass for MM4148
& Quadro Melf Molded Glass for LS4148
& Micro Melf Molded Glass for MCL4148
Forward Voltage at IF =10mA
Leakage Current
at VR = 20V
at VR = 75V
0
at VR = 20V, TJ = 150 C
Reverse Breakdown Voltage tested with 100 S Pulses
Capacitance at VF = VR = 0
Voltage Rise when Switching On Tested with 50mA Forward
Pulses TP = 0.1 s , Rise Time<30ns, fp = 5~100KHz
Reverse Recovery Time From IF = -IR=10mA to IRR = -1mA,
VR = 6V RL = 100
Thermal Resistance Function to Ambitent Air
Rectification Efficiency at f = 100MHz, VRF = 2V
Min
Typ
Max
VF
TR
IR
IR
V(BR)R
Ctot
Vfr
TRR
RthA
v
100
0.45
1
25
5
50
4
2.5
4
0.35
V
nA
A
A
V
pF
V
nS
K / mW
SOLDERABLE ENDS
0.022(0.559)
0.016(0.406)
0.145(3.683)
0.066(1.676)
+0
-0.008(0.20)
CATHODE BAND
D1=
D2=D1
0.131(3.327)
0.060(1.524)
D2
Dimension in inches (millimeters )
DO-213AA / MINI MELF
www.paceleader.tw


Similar Part No. - MM4148

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MM4148 RECTRON-MM4148 Datasheet
22Kb / 1P
1N4148 mini-MELF SIGNAL DIODE
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Sunrise Electr...
MM4148 SSE-MM4148 Datasheet
15Kb / 1P
SURFACE MOUNT SWITCHING DIODE
logo
Formosa MS
MM4148 FORMOSA-MM4148 Datasheet
110Kb / 3P
High-speed switching diode
logo
Frontier Electronics.
MM4148 FRONTIER-MM4148 Datasheet
182Kb / 3P
MINI MELF SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - MM4148

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com