Electronic Components Datasheet Search
  English  ▼

X  

PSD500H Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PSD500H
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD500H Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PSD500H Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD500H Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
MAXIMUM RATING
o
ELECTRICAL CHARACTERISTICS (TA=25 C)
UNITS
SYMBOL
0C
CHARACTERISTICS
Volts
CHARACTERISTICS
PSD500H
VR
IO
IFSM
Tstg
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SCHOTTKY BARRIER RECTIFIER 100m AMPERES 40 VOLTS
Extremely Low VF
Very Small Conduction Losses
Schottky Barrier Diodes Encapsulated
in SOD-323 Package
Average Rectified Forward Current
Peak Forward Surge Current (8.3ms 1/2 Sine Wave)
Storage Temperature
mAmps
Amps
PSD500H
40
100
1.0
-40 to +125
UNITS
SYMBOL
Min
Max
40
V(BR)R
VF
IR
CJ
Reverse Breakdown Voltage IR = 100 A
Maximum Instantneous Forward IF = 100mA
Maximum Instantneous Reverse Current (VR = 10V)
Typical Junction Capacitance (VR = 10V, f = 1MHz)
0.45
1.0
20
Volts
Volts
uAmps
pF
Reverse Breakdown Voltage
www.paceleader.tw
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R


Similar Part No. - PSD500H

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD5004 LRC-PSD5004 Datasheet
439Kb / 3P
High Current Glass Passivated Molding Three -Phase Bridge Rectifier Reverse Voltage 800 to 1600V Forward Current 50A
PSD5008 LRC-PSD5008 Datasheet
439Kb / 3P
High Current Glass Passivated Molding Three -Phase Bridge Rectifier Reverse Voltage 800 to 1600V Forward Current 50A
More results

Similar Description - PSD500H

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com