Electronic Components Datasheet Search
  English  ▼

X  

PSD551H Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PSD551H
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD551H Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PSD551H Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD551H Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
DESCRIPTION
o
MAXIMUM RATING (TA=25 C unless otherwise noted)
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
UNITS
SYMBOL
0C
-40 to +125
CHARACTERISTICS
Volts
CHARACTERISTICS
These schottky barrier diodes are designed for high
speed Switching applications circuit protection, and
voltage clamping, Extremely low forward voltage
reduces conduction loss, Miniature surface mount
package is excellent for hand held and Portable
applications where space is limited
VR
IFSM
TJ
Tstg
PSD551H
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
IF(AV)
UNITS
SYMBOL
VF
IR
Min
Max
Volts
30
V(BR)R
100
Volts
Adc
SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
Extremely Fast Switching Speed
Low Forward Voltage
Very Small Conduction Losses
Schottky Barrier Diodes Encapsulated
in a SOD-323 Package
Reverse Voltage
Average Rectified Forward Current
(1)
Peak Forward Surge Current
Operating Junction Temperature Range
Storage Temperature Range
PSD551H
30
500
2.0
mA
Amps
Forward Voltage
IF = 100mA
IF = 500mA
Reverse Breakdown Voltage (IR = 100A )
Reverse Leakage VR = 20V
0.36
0.47
NOTE
1. 60Hz for 1
Device Marking
Item
PSD551H
Eqivalent Circuit diagram
2
1
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R
www.paceleader.tw


Similar Part No. - PSD551H

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD55 POWERSEM-PSD55 Datasheet
168Kb / 2P
Three Phase Rectifier Bridges
More results

Similar Description - PSD551H

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com