Electronic Components Datasheet Search
  English  ▼

X  

RGL34A Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # RGL34A
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

RGL34A Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  RGL34A Datasheet HTML 1Page - PACELEADER INDUSTRIAL RGL34A Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES RGL34A THRU RGL34M
RGL34A thru RGL34M
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
0.7
0
25
50
75
100
125
150
175
0.6
0.5
0.5
0.3
0.2
o
AMBIENTTEMPERATURE( C)
FIG. 1 - MAXIMUM FORWARD CURRENT
DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inouctive Load
0.375"(9.5mm)
Lead Length
FIG. 2 - MAXIMUM NON - REPETITIVE PEAK
FORWARD SURGE CURRENT
50
40
30
20
10
0
1
2
4
6 8 10
20
40 60 80100
NUMBER OF CYCLES AT 60Hz
o
TJ=25 C
8.3ms Single Half Sine Wave
JEDEC Method
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
o
TJ=25 C
100
100
10
10
1
1
REVERSE VOLTAGE. (V)
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
10
1.0
0.1
.01
FORWARD VOLTAGE.(V)
.4
.6
.8
1.0
1.2
1.4
1.6
FIG. 5 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
SET TIME BASE FOR
5/ 10ns/cm
1cm
-1.0A
-0.25A
0
+0.5A
trr
1
NON
INDUCTIVE
NOTES : 1. Rise Time=7ns max. Input Impedance=
1 megohm. 22pF
2. Rise Time=10ns max. Source Impedance=
50 Ohms.
10
NONINDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
50
NONINDUCTIVE
DUT
50Vdc
(approx)
(+)
(+)
()
()
o
TJ=25 C
Pulse Width=300
s
1% Duty Cycle
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com