Electronic Components Datasheet Search
  English  ▼

X  

SB1020 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SB1020
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB1020 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SB1020 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB1020 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 20 TO 150 VOLTS
CURRENT - 10 AMPERES
SB1020 thru SB10150
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
FEATURES
MECHANICAL DATA
Schottky Barrier Chip
Guard Ring Transient Protection
High Current Capability, Low Forward
Low Reverse Leakage Current
High surge Current Capability
Plastic Material has UL Flammability
Classification 94V-0
o
High temperature soldering 260 C/10seconds at terminals
Pb free product are available 99% Sn above can meet RoHS
environment substance directive request
Case TO220AC Molded plastic
Terminals Lead solderable per
MIL-STD-202, Method 2026
Polarity As Marked on Body
Mounting Position Any
Weight 2.24gram
Marking Type Number
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
-55 to +150
SYMBOL
Volts
Volts
Amps
Amps
Volts
10
150
700
120
0.55
0.75
0.5
50
0.1
7
0.85
0.92
TJ
TSTG
mA
pF
CJ
Single phase half wave 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
PARAMETER
20
14
30
21
40
28
50
35
60
42
80
56
100
70
150
105
NOTE
1. Measured at 1.0MHz and applied reverse Voltage of 4.0V D.C
SB
1020
SB
1030
SB
1040
SB
1050
SB
1060
SB
1080
SB
10100
SB
10150
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage DC Blocking Voltage
RMS Reverse Voltage
0
Average Repetitive Output Current @TC=95 C
Non-Repetitive Peak Forward surge current 8.3ms Single Half
Sine-Wave Superimosed on rated load (JEDEC Method)
Forward Voltage @IF=10A
0
Peak Reverse Current @TA=25 C
0
AT Rated DC Blocking Voltage TA=100 C
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
VRRM
VRWM
VR
VRMS
IF
IFSM
VF
IRM
TO-220AC
www.paceleader.tw


Similar Part No. - SB1020

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1020 TRSYS-SB1020 Datasheet
146Kb / 2P
10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1020 WTE-SB1020 Datasheet
39Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020 WTE-SB1020 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
425Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com