Electronic Components Datasheet Search
  English  ▼

X  

SB860 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SB860
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB860 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SB860 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB860 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SB820 THRU SB8100
SB820 thru SB8100
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
4
2
6
8
10
0
LEAD TEMPERATURE, C
0
0
100
150
50
Fig. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
Fig. 3 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
NUMBER OF CYCLES AT 60 Hz
1
10
25
50
75
100
125
150
175
8.3ms Single Half Sine-Wave
JEDEC Method
Fig. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
10
100
1.0
100
200
400
600
800
1000
2000
4000
.1
SB820~SB840
SB820~SB840
SB850~SB880
SB850~SB880
Fig. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
Fig. 2 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
.1
1.0
10
.01
.001
20
40
60
80
100
120
SB820~SB840
SB850~SB880
0
T =150C
C
0
T
=12
5C
C
0
T
=
75C
C
0
T
=
25C
C
1.0
10
50
.3
.4
.2
.1
.1
.5
.6
.8
.7
.9
1.0
Pulse Width-300 s
1% DUTY CYCLE
0
T =25 C
J
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com