Electronic Components Datasheet Search
  English  ▼

X  

SB16150FCT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SB16150FCT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB16150FCT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SB16150FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB16150FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SB1620FCT THRU SB16150FCT
SB1620FCT thru SB16150FCT
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
Fig.1-FO RWAR DCURREN TDER ATING CURVE
Fig.2-TYPICA L INS TANTANEOUSFO RWAR D
CHRACTERISTICS
Fig.4-MAXIMU MNON -REPETITIV
ESURG E
CURRENT
Fig.3-TYPICA LREVERS ECHARACTERISTI C
CASETEMPER ATURE , C
O
0
50
100
150
20.0
16. 0
12. 0
8.0
4.0
0
INSTAN TANEOUSFO RWAR DVO LTAG E,VO LTS
.3
.4
.5
.6
.7
.8
0.9
1.0
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
T = 25 C
Pulse Wid t h = 300 s
1% DutyCy cle
J
O
m
80,150V
20,30,40V
50,60V
NO. OFCYCL E AT 60HZ
240
210
180
150
120
90
60
30
0
1
2
5
10
20
50
100
8.3msSingl e
HalfSince- Wave
JEDECMetho d
PERCENT OF INSTAN TANEOUS REVERSE VOLTAGE,(%)
10
1.0
0.1
0.01
0.00 1
20
4 0
60
80
100
120
140
T=2 5 C
J
O
T =75 C
J
O
T =10 0 C
J
O
Fig.1-FO RWAR DCURREN TDER ATIN GCU RVE
Fig.1 - FORW
ARDCURREN
TDERATINGCURVE
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2-TYPICA LINS TANTANEOUSFO RWAR D
CHRACTERISTICS
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHRACTERISTIC
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4-MAXIMU MNON -REPETITIV
ESURG E
CURRENT
Fig.2 - MAXIMU
MNO
N - REPETITIV
ESURG
ECURRENT
Fig.4- TMAXIMUM NON - REPETITIVE SURGE
CURRENT
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com