Electronic Components Datasheet Search
  English  ▼

X  

SB16100FCT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SB16100FCT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB16100FCT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SB16100FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB16100FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 20 TO 150 VOLTS
CURRENT - 16 AMPERES
SB1620FCT thru SB16150FCT
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
FEATURES
MECHANICAL DATA
Plastic Package has Underwriters Laboratory
Flammability Classification 94-0 utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MIL-S-19500/228
Low power loss, gigh efficiency
Low Forward Voltage, high Current Capability
High surge Capability
For use low Voltage, high frequency inverters,
Free wheeling, and polarity protection applications
o
High temperature soldering 260 C/10seconds at terminals
Pb free product are available 99% Sn above can meet RoHS
environment substance directive request
Case ITO220AB Molded plastic
Terminals Lead solderable per
MIL-STD-202, Method 208
Polarity As Marked on Body
Mounting Position Any
Weight 0.08 ounces, 2.24gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
-55 to +150
Volts
Volts
Volts
Amps
Amps
Volts
16
150
60
120
0.55
0.75
0.5
100
0.1
7
0.85
0.92
mA
PARAMETER
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
150
105
150
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current at TC=90 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 8.0A per element
0
Maximum DC Reverse Current at Rated TC=25 C
0
DC Blocking Voltage TC=100 C
Typical Junction Resistance Note R JA
Operating and Storage Temperature Range
SB
1620FCT
SB
1630FCT
SB
1640FCT
SB
1650FCT
SB
1660FCT
SB
1680FCT
NOTE:
1. Thermal Resistance Junction to Ambient
0C / W
SB
16150FCT
SB
16100FCT
ITO-220AB
www.paceleader.tw


Similar Part No. - SB16100FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB16100FCT WTE-SB16100FCT Datasheet
41Kb / 3P
16A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB16100FCT FORMOSA-SB16100FCT Datasheet
40Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB16100FCT WTE-SB16100FCT Datasheet
49Kb / 4P
16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB16100FCT PANJIT-SB16100FCT Datasheet
432Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB16100FCT WTE-SB16100FCT Datasheet
56Kb / 4P
16A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results

Similar Description - SB16100FCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com