Electronic Components Datasheet Search
  English  ▼

X  

SFM104 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SFM104
Description  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SFM104 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SFM104 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SFM104 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
SFM101 thru SFM108
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-65 to +150
-65 to +125
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
1.0
30
1.0
1.3
1.7
TJ
TRR
TSTG
5.0
100
60
20
50
25
35
A
Ldeal for surface mounted applications
Easy pick and place
Low leakage current
Glass passivated chips
Fast switching
Metallurgically bonded construction
High temperature soldering guaranteed
o
250 C/10 seconds/.375 , (9.5mm) lead lengths
Case Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals Plated terminals, solderable per
MIL-STD-202, Method 208
Polarity Red Color band on body denotes cathode
Mounting position Any
Weight 0.12gram
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
NOTES
1. Reverse Recovery Test Conditions IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C
R JA
R JC
0C / W
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current 375 ,
0
(9.5mm) lead length at TT=55 C
Peak Forward Surge Current ,8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Typical Junction Capacitance
Operating Temperature Range TJ
Storage Temperature Range TSTG
50
35
50
100
70
100
150
105
150
200
140
200
300
210
300
400
280
400
500
350
500
600
420
600
SFM
108
SFM
101
SFM
102
SFM
103
SFM
104
SFM
105
SFM
106
SFM
107
DO-213AB / MELF
0.022(0.559)
0.016(0.406)
0.205(5.20)
0.185(4.70)
0.105(2.67)
0.095(2.41)
+0
-0.008(0.20)
SOLDERABLE ENDS
CATHODE BAND
D1=
D2=D1
D2
Dimension in inches (millimeters )
www.paceleader.com.tw


Similar Part No. - SFM104

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFM104-01-L-S-A-K SAMTEC-SFM104-01-L-S-A-K Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM104-02-L-D-A-K SAMTEC-SFM104-02-L-D-A-K Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM104-02-L-S-A-K SAMTEC-SFM104-02-L-S-A-K Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM104-03-L-S-A-K SAMTEC-SFM104-03-L-S-A-K Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM104-L1-L-S-A-K SAMTEC-SFM104-L1-L-S-A-K Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
More results

Similar Description - SFM104

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
Surface Mount Glass Passivated Super Fast Rectifiers
EFM108 LRC-EFM108_15 Datasheet
179Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
EFMA280 LRC-EFMA280_15 Datasheet
220Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF108 LRC-EFMAF108_15 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
EFMBF208 LRC-EFMBF208_15 Datasheet
243Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
RS2MBF LRC-RS2MBF_15 Datasheet
253Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
logo
Shanghai Shunye Electro...
SM5391 SHUNYE-SM5391 Datasheet
262Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
ES1AL HY-ES1AL_17 Datasheet
136Kb / 3P
SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
SM5391 SHUNYE-SM5391_17 Datasheet
293Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com