Electronic Components Datasheet Search
  English  ▼

X  

SK12B Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SK12B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SK12B Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SK12B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SK12B Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK12B thru SK110B
VOLTAGE - 20 TO 100 VOLTS
CURRENT - 1.0 AMPERES
FEATURES
MECHANICAL DATA
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
UNITS
0C
0C
-55 to +150
-50 to +150
mA
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JA
R JL
TJ
TSTG
1.0
SK13B SK14B SK15B SK16B SK18B SK19B SK110B
SK12B
20
30
40
50
60
80
90
100
14
21
28
35
42
56
63
70
20
30
40
50
60
80
90
100
30
0.5
0.7
0.85
0.5
20
35
95
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
For surface mount applications
Low profile package
Built-in strain relief
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High surge capability
For use in low voltage high frequency inverters, free wheeling.
and polarity protection applications
High temperature soldering guaranteect
o
260 C/10 seconds at terminals
o
High temperature soldering
260 C/10 seconds at terminsls
Pb free product at available
99% Sn above meet Rohs
environment substance directive request
Case
JEDEC DO-214AA molded plastic
Terminals
Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Color band denotes cathode end (cathode)
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.003 ounce, 0.093gram
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL
(See Figure 1)
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A (Note 1)
0
Maximum DC Reverse Current (NOTE 1) TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Maximum Thermal Resistance (NOTE 2)
Operating at Storag Temprature Range TJ
Storage Temperature Range
NOTES
1. Pulse test with pw=300
S, 2% duty cycle
2
2. Mounted on P.C.B with 5.0mm (0.13mm thick) copper pad areas
SMB/DO-214AA
Dimensions in inches and (millimeters)
.130(3.30)
.155(3.94)
.006(.152)
.012(.305)
.200(5.08)
.004(.102)
.160(4.06)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.185(4.70)
.008(.203)
.220(5.59)
www.paceleader.tw


Similar Part No. - SK12B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B Datasheet
56Kb / 2P
1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK12B TSC-SK12B Datasheet
199Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SEMTECH ELECTRONICS LTD...
SK12B SEMTECH_ELEC-SK12B Datasheet
244Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B Datasheet
434Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SK12B TSC-SK12B Datasheet
207Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK12B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com